Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTE-R38386L-ZF Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTE-R38386L-ZF
Description  IR Emitter and Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-R38386L-ZF Datasheet(HTML) 7 Page - Lite-On Technology Corporation

  LTE-R38386L-ZF Datasheet HTML 1Page - Lite-On Technology Corporation LTE-R38386L-ZF Datasheet HTML 2Page - Lite-On Technology Corporation LTE-R38386L-ZF Datasheet HTML 3Page - Lite-On Technology Corporation LTE-R38386L-ZF Datasheet HTML 4Page - Lite-On Technology Corporation LTE-R38386L-ZF Datasheet HTML 5Page - Lite-On Technology Corporation LTE-R38386L-ZF Datasheet HTML 6Page - Lite-On Technology Corporation LTE-R38386L-ZF Datasheet HTML 7Page - Lite-On Technology Corporation LTE-R38386L-ZF Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6/7
Part No. : LTE-R38386L-ZF
BNS-OD-FC 002/A4
IR Emitter and Detector
LTE-R38386L-ZF
8.4. Soldering
Recommended soldering conditions:
Reflow Soldering
Soldering iron
Pre-heat
Pre-heat time
Peak temperature
Soldering time
150~200°C
120 seconds Max.
260°C Max.
10 seconds Max.(Max. two times)
Temperature
Soldering time
300°C Max.
3 seconds Max.
(one time one)
Because different board designs use different number and types of devices, solder pastes, reflow ovens, and circuit boards, no
single temperature profile works for all possible combinations.
However, you can successfully mount your packages to the PCB by following the proper guidelines and PCB-specific
characterization.
LITE-ON Runs both component-level verification using in-house KYRAMX98 reflow chambers and board-level assembly.
The results of this testing are verified through post-reflow reliability testing.
Profiles used at LITE-ON are based on JEDEC standards to ensure that all packages can be successfully and reliably surface
mounted.
Following figure shows a sample temperature profile compliant to JEDEC standards.
You can use this example as a generic target to set up your reflow process.
You should adhere to the JEDEC profile limits as well as specifications and recommendations from the solder paste
manufacturer to avoid damaging the device and create a reliable solder joint.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com