Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2593HV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2593HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2593HV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2593HV Datasheet HTML 1Page - National Semiconductor (TI) LM2593HV Datasheet HTML 2Page - National Semiconductor (TI) LM2593HV Datasheet HTML 3Page - National Semiconductor (TI) LM2593HV Datasheet HTML 4Page - National Semiconductor (TI) LM2593HV Datasheet HTML 5Page - National Semiconductor (TI) LM2593HV Datasheet HTML 6Page - National Semiconductor (TI) LM2593HV Datasheet HTML 7Page - National Semiconductor (TI) LM2593HV Datasheet HTML 8Page - National Semiconductor (TI) LM2593HV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM2593HV
SIMPLE SWITCHER®Power Converter 150 kHz 2A
Step-Down Voltage Regulator, with Features
General Description
The LM2593HV series of regulators are monolithic inte-
grated circuits that provide all the active functions for a
step-down (buck) switching regulator, capable of driving a
2A load with excellent line and load regulation. These de-
vices are available in fixed output voltages of 3.3V, 5V, and
an adjustable output version.
This series of switching regulators is similar to the
LM2592HV with additional supervisory and performance fea-
tures.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation†, improved line and load specifications,
fixed-frequency oscillator, Shutdown/Soft-start, output error
flag and flag delay.
The LM2593HV operates at a switching frequency of 150
kHz thus allowing smaller sized filter components than what
would be needed with lower frequency switching regulators.
Available in a standard 7-lead TO-220 package with several
different lead bend options, and a 7-lead TO-263 Surface
mount package.
Other features include a guaranteed ±4% tolerance on out-
put voltage under all conditions of input voltage and output
load conditions, and ±15% on the oscillator frequency. Ex-
ternal shutdown is included, featuring typically 90 µA
standby current. Self protection features include a two stage
current limit for the output switch and an over temperature
shutdown for complete protection under fault conditions.
Features
n
3.3V, 5V, and adjustable output versions
n
Adjustable version output voltage range, 1.2V to 57V
±4% max over line and load conditions
n
Guaranteed 2A output load current
n
Available in 7-pin TO-220 and TO-263 (surface mount)
Package
n
Input voltage range up to 60V
n
150 kHz fixed frequency internal oscillator
n
Shutdown/Soft-start
n
Out of regulation error flag
n
Error flag delay
n
Low power standby mode, I
Q typically 90 µA
n
High Efficiency
n
Thermal shutdown and current limit protection
Applications
n
Simple high-efficiency step-down (buck) regulator
n
Efficient pre-regulator for linear regulators
n
On-card switching regulators
n
Positive to Negative converter
Note: † Patent Number 5,382,918.
Typical Application (Fixed Output Voltage Versions)
10133301
SIMPLE SWITCHER® and
Switchers Made Simple® are registered trademarks of National Semiconductor Corporation.
December 2001
© 2001 National Semiconductor Corporation
DS101333
www.national.com


Similar Part No. - LM2593HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2593HV TI2-LM2593HV Datasheet
1Mb / 32P
LM2593HV SIMPLE SWITCHER® Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
REVISED MAY 2016
LM2593HVS-3.3/NOPB TI1-LM2593HVS-3.3/NOPB Datasheet
1Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2593HVS-3.3/NOPB TI2-LM2593HVS-3.3/NOPB Datasheet
1Mb / 32P
LM2593HV SIMPLE SWITCHER® Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
REVISED MAY 2016
LM2593HVS-3.3/NOPB.B TI2-LM2593HVS-3.3/NOPB.B Datasheet
1Mb / 32P
LM2593HV SIMPLE SWITCHER® Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
REVISED MAY 2016
More results

Similar Description - LM2593HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597HVM-ADJ TI-LM2597HVM-ADJ Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2592HVT-33 TI-LM2592HVT-33 Datasheet
2Mb / 29P
LM2592HV SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage
LM2598 TI1-LM2598 Datasheet
2Mb / 47P
SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com