Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CLG8KV/100mA Datasheet(PDF) 1 Page - American Microsemiconductor

Part # 2CLG8KV/100mA
Description  Technical Specifications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2CLG8KV/100mA Datasheet(HTML) 1 Page - American Microsemiconductor

  2CLG8KV/100mA Datasheet HTML 1Page - American Microsemiconductor 2CLG8KV/100mA Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL, 2CLG xKV Series
Technical Specifications
American Microsemiconductor Inc.
Page 1 of 2
133 Kings Road, Madison, NJ 07940
AS/EN/JISQ/9100:2009REVCandISO9001:2008CertificateNo:45325
tel.
973-377-9566fax.973-377-3078
http://www.americanmicrosemiconductor.com
FEATURES
 Custom sizing
 Encapsulated by epoxy resin
 Corrosion resistance
 Op Temp -40°C to +120°C
 T
RR: -40°C to +120°C
APPLICATIONS
 Electrostatic precipitator
 High voltage generators
 High voltage testing
SPECIFICATIONS
Type
Repetitive
Peak
Reverse
Voltage
Average
Forward
Current
Forward
Peak
Voltage
Surge
Forward
Current
Peak Reverse
Current
Reverse
Recovery
Time
Ta=25℃
Ta=100℃
KV
mA
V
A
μA
μA
nS
2CL8KV/100mA
8
100
9.0
20
2.0
40
—
2CL10KV/100mA
10
100
11.0
20
2.0
40
—
2CL12KV/100mA
12
100
13.0
20
2.0
40
—
2CL15KV/100mA
15
100
16.0
20
2.0
40
—
2CLG8KV/100mA
8
100
16.0
20
2.0
50
100
2CLG10KV/100mA
10
100
22.0
20
2.0
50
100
2CLG12KV/100mA
12
100
24.0
20
2.0
50
100
2CLG15KV/100mA
15
100
26.0
20
2.0
50
100
2CLG20KV/100mA
20
100
33.0
20
2.0
50
100
SCHEMATIC


Similar Part No. - 2CLG8KV/100mA

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CLG80KV-0.1A GETEDZ-2CLG80KV-0.1A Datasheet
521Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG80KV-0.2A GETEDZ-2CLG80KV-0.2A Datasheet
521Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG80KV0.1A GETEDZ-2CLG80KV0.1A Datasheet
466Kb / 1P
0.1A 80kV 80nS--High voltage silicon rectifier stack
2CLG80KV0.2A GETEDZ-2CLG80KV0.2A Datasheet
466Kb / 1P
0.2A 80kV 80nS--High voltage silicon rectifier stack
More results

Similar Description - 2CLG8KV/100mA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EBH500 ETC2-EBH500 Datasheet
50Kb / 1P
Technical Specifications
logo
American Microsemicondu...
AMS-CL03-15T AMMSEMI-AMS-CL03-15T Datasheet
499Kb / 1P
Technical Specifications
AMS-CL04-15 AMMSEMI-AMS-CL04-15 Datasheet
500Kb / 1P
Technical Specifications
CL03-15T AMMSEMI-CL03-15T Datasheet
499Kb / 1P
Technical Specifications
1N6622 AMMSEMI-1N6622 Datasheet
175Kb / 1P
Technical Specifications
AMS-G2M AMMSEMI-AMS-G2M Datasheet
374Kb / 2P
Technical Specifications
SD400R08PV AMMSEMI-SD400R08PV Datasheet
410Kb / 2P
Technical Specifications
H21B3 AMMSEMI-H21B3 Datasheet
1Mb / 4P
Technical Specifications
H21B2 AMMSEMI-H21B2 Datasheet
1Mb / 4P
Technical Specifications
logo
List of Unclassifed Man...
DSA815 ETC1-DSA815 Datasheet
422Kb / 10P
Technical Specifications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com