Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS15FS Datasheet(PDF) 2 Page - American Microsemiconductor

Part # AMS15FS
Description  High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

AMS15FS Datasheet(HTML) 2 Page - American Microsemiconductor

  AMS15FS Datasheet HTML 1Page - American Microsemiconductor AMS15FS Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2
AMS15FS
High Voltage Rectifier
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 2 of 2
Revised 06/2013
Electrical Characteristics
Symbol
Value
Unit
Conditions
Forward Peak Voltage
VFM
35.0
V
@ Ta=25°C; I(F)=0.02A
Peak Reverse Current
IRRM1
2.0
μA
@ Ta=25°C; V(RM)=V(RRM)
IRRM2
10.0
μA
@ Ta=25°C; V(RM)=V(RRM)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com