Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C147 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # C147
Description  Phase Control SCR Mechanical Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

C147 Datasheet(HTML) 1 Page - American Microsemiconductor

  C147 Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C147
Phase Control SCR Mechanical Specifications
A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 1
Revised 06/2013
MECHANICAL ABSTRACT
C147 features a 0.175” diameter cathode
post hole for no. 8 wire, and is hermetically
sealed in a TO-208 metal stud package.
A
B
C
D
E
F
G
H
J
K
L
M
Inches 0.44 0.1 0.55 0.87
0.6
1.27 0.265
0.1
0.176
0.6
0.045 0.12
MM
11.2 3.3
14
22.1 15.2 32.2
6.73
2.54
4.47
1.52
1.14
0.30


Similar Part No. - C147

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C147 NJSEMI-C147 Datasheet
119Kb / 2P
The C147 Silicon Controlled Rectifier
logo
Time Electronics Ltd.
C147 TIME-ELECTRONICS-C147 Datasheet
1Mb / 3P
5045 Oscilloscope Calibrator
6/26
logo
NEC
C1470H NEC-C1470H Datasheet
164Kb / 4P
MOTOR SPEED REGULATORS
logo
Cree, Inc
C14724 CREE-C14724 Datasheet
3Mb / 51P
HighBay series
logo
Ledil, Inc.
C14724 LEDIL-C14724 Datasheet
3Mb / 62P
HighBay Lens array
More results

Similar Description - C147

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
PHASE CONTROL SCR
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
PHASE CONTROL SCR
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T700163504BY POWEREX-T700163504BY Datasheet
731Kb / 4P
Phase Control SCR
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
Phase Control SCR
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
Phase Control SCR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com