Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8830 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN8830
Description  Thermoelectric Cooler Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8830 Datasheet(HTML) 1 Page - Analog Devices

  ADN8830 Datasheet HTML 1Page - Analog Devices ADN8830 Datasheet HTML 2Page - Analog Devices ADN8830 Datasheet HTML 3Page - Analog Devices ADN8830 Datasheet HTML 4Page - Analog Devices ADN8830 Datasheet HTML 5Page - Analog Devices ADN8830 Datasheet HTML 6Page - Analog Devices ADN8830 Datasheet HTML 7Page - Analog Devices ADN8830 Datasheet HTML 8Page - Analog Devices ADN8830 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADN8830
Thermoelectric Cooler Controller
FEATURES
High Efficiency
Small Size: 5 mm
5 mm LFCSP
Low Noise: <0.5% TEC Current Ripple
Long-Term Temperature Stability:
0.01 C
Temperature Lock Indication
Temperature Monitoring Output
Oscillator Synchronization with an External Signal
Clock Phase Adjustment for Multiple Controllers
Programmable Switching Frequency up to 1 MHz
Thermistor Failure Alarm
Maximum TEC Voltage Programmability
APPLICATIONS
Thermoelectric Cooler (TEC) Temperature Control
Resistive Heating Element Control
Temperature Stabilization Substrate (TSS) Control
FUNCTIONAL BLOCK DIAGRAM
PID COMPENSATION
NETWORK
TEMPERATURE
MEASUREMENT
AMPLIFIER
PWM
CONTROLLER
FROM
THERMISTOR
TEMPERATURE
SET
INPUT
VOLTAGE
REFERENCE
VREF
OSCILLATOR
FREQUENCY/PHASE
CONTROL
P-CHANNEL
(UPPER MOSFET)
N-CHANNEL
MOSFET
DRIVERS
P-CHANNEL
(LOWER MOSFET)
N-CHANNEL
GENERAL DESCRIPTION
The ADN8830 is a monolithic controller that drives a thermo-
electric cooler (TEC) to stabilize the temperature of a laser diode
or a passive component used in telecommunications equipment.
This device relies on a negative temperature coefficient (NTC)
thermistor to sense the temperature of the object attached to the
TEC. The target temperature is set with an analog input voltage
either from a DAC or an external resistor divider.
The loop is stabilized by a PID compensation amplifier with
high stability and low noise. The compensation network can be
adjusted by the user to optimize temperature settling time. The
component values for this network can be calculated based on
the thermal transfer function of the laser diode or obtained
from the lookup table given in the Application Notes section.
Voltage outputs are provided to monitor both the temperature of
the object and the voltage across the TEC. A voltage reference
of 2.5 V is also provided.


Similar Part No. - ADN8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8830 AD-ADN8830 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8830 AD-ADN8830 Datasheet
1Mb / 30P
Ultracompact 4A, 15V, Full Bridge Driver with SPI
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ-REEL AD-ADN8830ACPZ-REEL Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
More results

Similar Description - ADN8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
Thermoelectric Cooler (TEC) Controller
7/03-Data Sheet Changed from REV PrB to REV PrC.
logo
Linear Technology
LTC1923 LINER-LTC1923 Datasheet
452Kb / 28P
High Efficiency Thermoelectric Cooler Controller
logo
Microsemi Corporation
LX1810 MICROSEMI-LX1810 Datasheet
133Kb / 6P
ThermoElectric Cooler Drive Controller IC
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
logo
Analog Devices
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
High Efficiency Thermoelectric Cooler Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com