Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3MAF Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # RS3MAF
Description  For surface mounted applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

RS3MAF Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  RS3MAF Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS3MAF Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS3MAF Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS3MAF Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS3MAF Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Data Sheet N1670, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http:// www.smc-diodes.com • E-Mail Address - sales@ sangdest.com.cn •
RS3AAF
THRU
RS3MAF
RS3AAF THRU RS3MAF FAST RECOVERY RECTIFIERS
Features
•
For surface mounted applications
•
Low profile package
•
Glass Passivated Chip Junction
•
Easy to pick and place
•
Fast reverse recovery time
•
Lead free in comply with EU RoHS 2011/65/EU directives
Mechanical Data
•
Case: SMAF
•
Terminals: Solderable per MIL-STD-750, Method 2026
•
Approx. Weight: 27mg / 0.00095oz
Mechanical Dimensions (In Inches/mm)
SMAF


Similar Part No. - RS3MAF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RS3MAF SUNMATE-RS3MAF Datasheet
308Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Foshan Blue Rocket Elec...
RS3MAF FOSHAN-RS3MAF Datasheet
920Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?000V
More results

Similar Description - RS3MAF

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
For surface mounted applications
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
For surface mounted applications
logo
Diode Semiconductor Kor...
SL12 DSK-SL12 Datasheet
76Kb / 2P
For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
For surface mounted applications
BAV100WS-SOD123F YFWDIODE-BAV100WS-SOD123F Datasheet
505Kb / 3P
For surface mounted applications
BAV19WSFL YFWDIODE-BAV19WSFL Datasheet
445Kb / 3P
For surface mounted applications
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
For surface mounted applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com