Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

010NE2LS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # 010NE2LS
Description  OptiMOSTM Power-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

010NE2LS Datasheet(HTML) 1 Page - Infineon Technologies AG

  010NE2LS Datasheet HTML 1Page - Infineon Technologies AG 010NE2LS Datasheet HTML 2Page - Infineon Technologies AG 010NE2LS Datasheet HTML 3Page - Infineon Technologies AG 010NE2LS Datasheet HTML 4Page - Infineon Technologies AG 010NE2LS Datasheet HTML 5Page - Infineon Technologies AG 010NE2LS Datasheet HTML 6Page - Infineon Technologies AG 010NE2LS Datasheet HTML 7Page - Infineon Technologies AG 010NE2LS Datasheet HTML 8Page - Infineon Technologies AG 010NE2LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BSC010NE2LS
OptiMOSTM Power-MOSFET
Features
• Optimized for high performance Buck converter
• Very low on-resistance R
DS(on) @ V GS=4.5 V
• 100% avalanche tested
• Superior thermal resistance
• N-channel
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
100
A
V GS=10 V, T C=100 °C
100
V GS=4.5 V, T C=25 °C
100
V GS=4.5 V,
T C=100 °C
100
V GS=10 V, T A=25 °C,
R thJA=50 K/W
2)
39
Pulsed drain current
3)
I D,pulse
T C=25 °C
400
Avalanche current, single pulse
4)
I AS
T C=25 °C
50
Avalanche energy, single pulse
E AS
I D=50 A, R GS=25 W
190
mJ
Gate source voltage
V GS
±20
V
Value
1) J-STD20 and JESD22
PG-TDSON-8
Type
Package
Marking
BSC010NE2LS
PG-TDSON-8
010NE2LS
V
DS
25
V
R
DS(on),max
1.0
m
W
I
D
100
A
Q
OSS
33
nC
Q
G(0V..10V)
64
nC
Product Summary
Rev. 2.2
page 1
2013-02-12


Similar Part No. - 010NE2LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
010-00157 ETC1-010-00157 Datasheet
166Kb / 1P
X-Cite 120Q illuminator
logo
Multicomp Pro
010-0041 MULTICOMP-010-0041 Datasheet
282Kb / 2P
Static Shielding Bag
15/07/22 15/07/22
logo
List of Unclassifed Man...
010-00440R ETC1-010-00440R Datasheet
157Kb / 1P
X-Cite Xylis LED illuminator
010-00444R ETC1-010-00444R Datasheet
157Kb / 1P
X-Cite Xylis LED illuminator
010-00527R ETC1-010-00527R Datasheet
127Kb / 1P
X-Cite Mini LED illuminator
More results

Similar Description - 010NE2LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC018NE2LSI INFINEON-BSC018NE2LSI Datasheet
682Kb / 10P
OptiMOSTM Power-MOSFET
Rev.2.2 2013-04-29
BSC018NE2LS INFINEON-BSC018NE2LS_13 Datasheet
820Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.2 2013-02-12
BSC016N06NS INFINEON-BSC016N06NS_13 Datasheet
610Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.1 2013-01-29
BSC014NE2LSI INFINEON-BSC014NE2LSI_13 Datasheet
744Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.2 2013-04-26
BSC011N03LS INFINEON-BSC011N03LS_13 Datasheet
752Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.2 2013-05-14
BSC009NE2LS INFINEON-BSC009NE2LS Datasheet
738Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-26
BSB013NE2LXI INFINEON-BSB013NE2LXI_13 Datasheet
609Kb / 11P
OptiMOSTM Power-MOSFET
Rev. 2.4 2013-02-12
BSC050NE2LS INFINEON-BSC050NE2LS_13 Datasheet
835Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-29
BSC032NE2LS INFINEON-BSC032NE2LS_13 Datasheet
761Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.2 2013-04-29
BSZ018NE2LSI INFINEON-BSZ018NE2LSI Datasheet
631Kb / 9P
OptiMOSTM Power-MOSFET
Rev. 2.1 2013-04-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com