Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2595 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2595 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2595 Datasheet HTML 12Page - National Semiconductor (TI) LM2595 Datasheet HTML 13Page - National Semiconductor (TI) LM2595 Datasheet HTML 14Page - National Semiconductor (TI) LM2595 Datasheet HTML 15Page - National Semiconductor (TI) LM2595 Datasheet HTML 16Page - National Semiconductor (TI) LM2595 Datasheet HTML 17Page - National Semiconductor (TI) LM2595 Datasheet HTML 18Page - National Semiconductor (TI) LM2595 Datasheet HTML 19Page - National Semiconductor (TI) LM2595 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
LM2595 Series Buck Regulator Design Procedure (Continued)
Nichicon Corp.
Phone
(708) 843-7500
FAX
(708) 843-2798
Panasonic
Phone
(714) 373-7857
FAX
(714) 373-7102
AVX Corp.
Phone
(803) 448-9411
FAX
(803) 448-1943
Sprague/Vishay
Phone
(207) 324-4140
FAX
(207) 324-7223
FIGURE 10. Capacitor Manufacturers Phone Numbers
VR
1A Diodes
3A Diodes
Surface Mount
Through Hole
Surface Mount
Through Hole
Schottky
Ultra Fast
Schottky
Ultra Fast
Schottky
Ultra Fast
Schottky
Ultra Fast
Recovery
Recovery
Recovery
Recovery
20V
SK12
All of
these
diodes
are
rated to
at least
50V.
1N5817
All of
these
diodes
are
rated to
at least
50V.
All of
these
diodes
are
rated to
at least
50V.
1N5820
All of
these
diodes
are
rated to
at least
50V.
SR102
SK32
SR302
MBR320
30V
SK13
1N5818
1N5821
MBRS130
SR103
SK33
MBR330
11DQ03
31DQ03
SK14
1N5822
40V
MBRS140
1N5819
SK34
SR304
10BQ040
SR104
MBRS340
MBR340
10MQ040
MURS120
11DQ04
MUR120
30WQ04
MURS320
31DQ04
MUR320
50V
MBRS160
10BF10
SR105
SK35
30WF10
SR305
30WF10
or
10BQ050
MBR150
MBR360
MBR350
More
10MQ060
11DQ05
30WQ05
31DQ05
FIGURE 11. Diode Selection Table
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com