Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG3-110S-R15 Datasheet(PDF) 1 Page - Copal Electronics

Part # RG3-110S-R15
Description  ROTARY SELECTOR SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RG3-110S-R15 Datasheet(HTML) 1 Page - Copal Electronics

  RG3-110S-R15 Datasheet HTML 1Page - Copal Electronics RG3-110S-R15 Datasheet HTML 2Page - Copal Electronics RG3-110S-R15 Datasheet HTML 3Page - Copal Electronics RG3-110S-R15 Datasheet HTML 4Page - Copal Electronics RG3-110S-R15 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
O RoHS compliant
O P.C.B. mounted, compact size and DIP compatible
O Protection by“O”ring (contact block) against dust and
for cleaning after soldering
O Precious metal alloy wiping type contacts provide a long
life (50000 revolutions at no load) and high reliability. (In
house comparison)
O Both shorting and non-shorting types are available
Part name
Rotor
Stopper pin
Shaft
Linking pin
Stopper ring
“O” ring
Stopper pin holder
Material
Flammability
UL94HB
UL94HB
Silicone rubber
Copper alloy, Nickel-plated
Copper alloy, Nickel-plated
Nickel-plated
POM
Polyoxymethylene
Copper alloy
Click gear
PA
Polyamide
POMPolyoxymethylene
Click plate
Click spring
SWPA
Piano wire
Contact spring
Multi metal alloy
Copper alloy, Gold-plated
Terminal pin
UL94HB
PBT
Polybutyleneterephthalate
Cover
Housing
INTERNAL STRUCTURE
The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard
versions, but our production will be made upon receipt of your orders.
RS/RG
ROTARY SELECTOR SWITCHES
RoHS compliant


Similar Part No. - RG3-110S-R15

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RG300A EDI-RG300A Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
RG300B EDI-RG300B Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
Pasternack Enterprises,...
RG302-U PASTERNACK-RG302-U Datasheet
1Mb / 3P
75 Ohm Flexible RG302 Coax Cable Single Shielded with Tan FEP Jacket
RG303-U PASTERNACK-RG303-U Datasheet
1Mb / 3P
Flexible RG303 Coax Cable Single Shielded with Tan FEP Jacket
logo
Infinite Electronics In...
RG303HV-BULK FAIRVIEW-RG303HV-BULK Datasheet
274Kb / 4P
40kV Flexible RG303 High Voltage Coax Cable Single Shielded with Red PUR Jacket
REV A
More results

Similar Description - RG3-110S-R15

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
ROTARY SELECTOR SWITCHES
logo
Cherry Semiconductor Co...
PAAA-3000 CHERRY-PAAA-3000 Datasheet
1Mb / 1P
SELECTOR SWITCHES
PBC1-E000 CHERRY-PBC1-E000 Datasheet
1Mb / 1P
Selector Switches
PEAA-3000 CHERRY-PEAA-3000 Datasheet
1Mb / 1P
Selector Switches
logo
Copal Electronics
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
ROTARY SELECTOR SWITCHES (SMD)
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
ROTARY SELECTOR SWITCHES (SMD)
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
ROTARY SELECTOR SWITCHES
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com