Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG3-210S-R15 Datasheet(PDF) 2 Page - Copal Electronics

Part # RG3-210S-R15
Description  ROTARY SELECTOR SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RG3-210S-R15 Datasheet(HTML) 2 Page - Copal Electronics

  RG3-210S-R15 Datasheet HTML 1Page - Copal Electronics RG3-210S-R15 Datasheet HTML 2Page - Copal Electronics RG3-210S-R15 Datasheet HTML 3Page - Copal Electronics RG3-210S-R15 Datasheet HTML 4Page - Copal Electronics RG3-210S-R15 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RS / RG
ROTARY SELECTOR SWITCHES
The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard
versions, but our production will be made upon receipt of your orders.
PART NUMBER DESIGNATION
R S 1 - 1 12 S - R 15
Series name
No. of blocks
1
∼ 3:1 ∼ 3 blocks
No. of poles
1
∼ 6:1 ∼ 6 poles
Shaft length
Shape of shaft
15
:15 mm
R
:Round type φ3.2 mm
D
:D-cut φ4.0 mm
※ Shaft length of 10 mm or 20 mm is also available.
Contact timing
S
:Shorting
N
:Non-shorting
No. of contacts
02
∼ 12:2 ∼ 12 contacts
RS
:Selector
RG
:Selector (with a ground terminal)
LIST OF PART NUMBERS
No. of blocks
No. of poles
No. of contacts
02
03
04
05
06
07
08
09
10
11
12
RS1-102
RS1-103
RS1-104
RS1-105
RS1-106
RS1-107
RS1-108
RS1-109
RS1-110
RS1-111
RS1-112
RS1-202
RS1-203
RS1-204
RS1-205
RS1-206
RS2-207
RS2-208
RS2-209
RS2-210
RS2-211
RS2-212
RS2-302
RS2-303
RS2-304
RS2-305
RS2-306
RS3-307
RS3-308
RS3-309
RS3-310
RS3-311
RS3-312
RS2-402
RS2-403
RS2-404
RS2-405
RS2-406
RS3-502
RS3-503
RS3-504
RS3-505
RS3-506
RS3-602
RS3-603
RS3-604
RS3-605
RS3-606
1
1
2
3
4
5
6
2
3
2
3
: Not manufactured
※Verify the above part numbers when placing orders.
※The above par t numbers are all available respectively with the
combination of Ground terminal (with or without). Contact timing
(Shorting or Non-shorting), and Shaft shape (Round or D-cut).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com