Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDP630 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDP630
Description  Inverter Interface and Digital Deadtime Generator for 3-Phase PWM Controls
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDP630 Datasheet(HTML) 1 Page - IXYS Corporation

  IXDP630 Datasheet HTML 1Page - IXYS Corporation IXDP630 Datasheet HTML 2Page - IXYS Corporation IXDP630 Datasheet HTML 3Page - IXYS Corporation IXDP630 Datasheet HTML 4Page - IXYS Corporation IXDP630 Datasheet HTML 5Page - IXYS Corporation IXDP630 Datasheet HTML 6Page - IXYS Corporation IXDP630 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
I - 14
© 1998 IXYS All rights reserved
Inverter Interface and Digital Deadtime Generator
for 3-Phase PWM Controls
IXYS reserves the right to change limits, test conditions and dimensions.
Type
Package
Configuration
Temp. Range
IXDP630 PI
18-Pin Plastic DIP
RC Oscillator
-40°C to +85°C
IXDP631 PI
18-Pin Plastic DIP
Crystal Oscillator
-40°C to +85°C
Features
l
5 V HCMOS logic implementation
maintains low power at high speed
l
Schmitt trigger inputs and CMOS
logic levels improve noise immunity
l
Simultaneously injects equal dead-
time in up to three output phases
l
Replaces 10-12 standard SSI/MSI
logic devices
l
Allows a wide range of PWM
modulation strategies
l
Directly drives high speed
optocouplers
Applications
l
1- and 3- Phase Motion Controls
l
1- and 3- Phase UPS Systems
l
General Power Conversion Circuits
l
Pulse Timing and Waveform
Generation
l
General Purpose Delay and Filter
l
General Purpose Three Channel
"One Shot"
In the IXDP630, deadtime programming
is achieved by an internal RC oscillator.
In the IXDP631, programming is
achieved by use of a crystal oscillator.
An alternative for both the IXDP630/
631 is with an external clock signal.
Because of its flexibility, the IXDP630/
631 is easily utilized in a variety of
brushed DC, trapezoidally commutated
brushless DC, hybrid and variable
reluctance step and other more exotic
PWM motor drive power and control
circuit designs.
This 5 V HCMOS integrated circuit is
intended primarily for application in
three-phase, sinusoidally commutated
brushless motor, induction motor, AC
servomotor or UPS PWM modulator
control systems. It injects the required
deadtime to convert a single phase leg
PWM command into the two separate
logic signals required to drive the upper
and lower semiconductor switches in a
PWM inverter. It also provides facilities
for output disable and fast overcurrent
and fault condition shutdown.
Block Diagram IXDP 630/IXDP 631


Similar Part No. - IXDP630

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDP610 IXYS-IXDP610 Datasheet
181Kb / 8P
Bus Compatible Digital PWM Controller, IXDP 610
More results

Similar Description - IXDP630

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SA828 MITEL-SA828 Datasheet
205Kb / 14P
Three-Phase PWM Waveform Generator
logo
List of Unclassifed Man...
A74-10 ETC2-A74-10 Datasheet
67Kb / 2P
Current and Voltage Controls Current Transformer, 3-Phase
EUAC220 ETC2-EUAC220 Datasheet
133Kb / 2P
Current and Voltage Controls 3-Phase Sequence and Phase Loss
SM170400 ETC2-SM170400 Datasheet
74Kb / 2P
Current and Voltage Controls 3-Phase Voltage Sequence Control
logo
Texas Instruments
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
logo
International Rectifier
IRS20124STRPBF IRF-IRS20124STRPBF Datasheet
1Mb / 27P
Digital Audio Driver with Discrete Deadtime and Protection
IRS20124SPBF IRF-IRS20124SPBF Datasheet
1Mb / 27P
Digital Audio Driver with Discrete Deadtime and Protection
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
3-phase inverter
logo
Linear Technology
LT8500 LINER-LT8500 Datasheet
624Kb / 10P
48-Channel LED Driver with PWM Generator and Serial Interface
logo
Renesas Technology Corp
ISL68221 RENESAS-ISL68221 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com