Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDP631PI Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDP631PI
Description  Inverter Interface and Digital Deadtime Generator for 3-Phase PWM Controls
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDP631PI Datasheet(HTML) 2 Page - IXYS Corporation

  IXDP631PI Datasheet HTML 1Page - IXYS Corporation IXDP631PI Datasheet HTML 2Page - IXYS Corporation IXDP631PI Datasheet HTML 3Page - IXYS Corporation IXDP631PI Datasheet HTML 4Page - IXYS Corporation IXDP631PI Datasheet HTML 5Page - IXYS Corporation IXDP631PI Datasheet HTML 6Page - IXYS Corporation IXDP631PI Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
I - 15
© 1998 IXYS All rights reserved
IXDP630
IXDP631
Symbol
Definition
Maximum Ratings
min.
max.
V
CC
Supply Voltage
-0.5
7
V
V
IN
DC Input Voltage
-0.5
V
CC + 0.5
V
I
IN
DC Input Current
-1
1
mA
V
0
DC Output Voltage
0.5
V
CC + 0.5
V
I
0
DC Output Current
-25
25
mA
T
stg
Storage Temperature
-55
150
°C
T
L
Lead Soldering (max. 10 s)
300
°C
Recommended Operating Conditions
V
CC
Supply Voltage
4.5
5.5
V
T
J
Operating Temperature
-40
85
°C
l
0
Output Current
-8
8
mA
f
OSC
Oscillator Frequency
0.001
16/24 MHz
Symbol
Definition/Condition
Characteristic Values
min.
typ.
max.
V
t+
Input Hi Threshold
3.6
2.7
V
V
t-
Input Lo Threshold
1.6
0.8
V
V
HYS
Hysteresis
1.1
V
I
in
Input Leakage Current
-10
10
µA
C
in
Input Capacitance
5
10
pF
V
oh
Output High Voltage l
o = -8 mA
2.4
V
V
ol
Output Low Voltage l
o =
8 mA
0.4
V
I
CC
Supply Current Outputs Unloaded
5
mA
I
CCQ
Quiescent Current Outputs
0.4
1
mA
Unloaded IXDP630
I
CCQ
Quiescent Current Outputs
1
10
µA
Unloaded IXDP631
DP630 Oscillator Section
C
OSC
Capacitor (RCIN to GND)
0.047
10
nF
R
OSC
Resistor (OSCOUT to RCIN)
1 1000
kΩ
f
OSC
Frequency Range
0.001 - 16
MHz
Initial Tolerance (f
OSC ≤ 1MHz)
5
%
Temperature Coefficient
-400
ppm/°C
DP631 Oscillator Section
f
OSC
Frequency Range
0.1-24
MHz
V
INH
Oscillator Thresholds (IXTLIN)
3.9
V
V
INL
0.8
V
External Oscillator
f
IN
Frequency Range (ODCOUT open)
0-24
MHz
t
SX
Set Up Time DATA-to-XTLIN
14
nS
t
SC
Set Up Time DATA-to-OSCIN
22
ns
t
hold
Hold Time CLOCK-Data
0
ns
t
pdro
Propagation Delay RESET-to-OUTPUT
15
20
ns
t
pdeo
Propagation Delay ENABLE-to-OUTPUT
8
16
ns
Dimensions in inch (1" = 25.4 mm)
16-Pin Plastic DIP
t
pdeo
t
pdro
t
hold
t
SC
t
SX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com