Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC024NE2LS Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BSC024NE2LS
Description  n-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC024NE2LS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BSC024NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 9Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 10Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 11Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OptiMOS™ Power-MOSFET
BSC024NE2LS
Electrical characteristics diagrams
Final Data Sheet
8
2.1, 2011-09-20
Table 14
13 Avalanche characteristics
14 Typ. gate charge
I
AS=f(tAV); RGS=25 Ω; parameter: Tj(start)
V
GS=f(Qgate); ID=30 A pulsed; parameter: VDD
Table 15
15 Drain-source breakdown voltage
16 Gate charge waveforms
V
BR(DSS)=f(Tj); ID=1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com