Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7533 Datasheet(PDF) 3 Page - ZP Semiconductor

Part # HT7533
Description  High Driver Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

HT7533 Datasheet(HTML) 3 Page - ZP Semiconductor

  HT7533 Datasheet HTML 1Page - ZP Semiconductor HT7533 Datasheet HTML 2Page - ZP Semiconductor HT7533 Datasheet HTML 3Page - ZP Semiconductor HT7533 Datasheet HTML 4Page - ZP Semiconductor HT7533 Datasheet HTML 5Page - ZP Semiconductor HT7533 Datasheet HTML 6Page - ZP Semiconductor HT7533 Datasheet HTML 7Page - ZP Semiconductor HT7533 Datasheet HTML 8Page - ZP Semiconductor HT7533 Datasheet HTML 9Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Pad Assignment
Pad Coordinates
Unit: mm
Pad No.
X
Y
1
-506.50
-589.50
2
61.00
-582.50
3
510.50
-585.50
Chip size: 1390 ´ 1530 (mm)2
*The IC substrate should be connected to VDD in the PCB layout artwork.
Absolute Maximum Ratings
Supply Voltage...............................-0.3V to 26V
Storage Temperature.................-50°Cto125°C
Power Consumption.............................. 250mW
Operating Temperature ..................0°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
1
2
3
(0 , 0 )
3 of 9
sales@zpsemi.com
www.zpsemi.com
HT75XX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com