Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S_SERIES Datasheet(PDF) 1 Page - Copal Electronics

Part # S_SERIES
Description  Miniature Slide Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S_SERIES Datasheet(HTML) 1 Page - Copal Electronics

  S_SERIES Datasheet HTML 1Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S
Miniature Slide Switches
■Part Numbering
RoHS Compliant
■Panel Cut-Out Dimension
■Terminal style
■Dimension L
Dimension
Part No.
L1
L2
L3
L4
S
−1−Z
6.2
7.4
9
M3
×0.5
S
−2−Z
5.7
7.1
16
M3
×0.5
S
−3−Z
6.2
7.4
9
φ3.5
S
−4−Z
5.7
7.1
16
φ3.5
■SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
S
−1∼4
AC125V 8A
AC250V 4A
100m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
15,000
cycles
Switchingfunction
Part No.
Viewed from part No. marking side
 S−1−Z
ON
ON
★S−2−Z
 S−3−Z
★S−4−Z
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Terminal numbers are shown on the bottom of the switch.
Note : Please refer to P.524 and P.634 for UL-recognized
products.
Series code
Registration number
S
 − 4  − Z
S
−1−Z
S
−2−Z
S
−3−Z
S
−4−Z
DPDT
■Handling Precautions(HSS,S,SS,ES)
1.Soldering SpeciÄcations
⑴Manual Soldering
Device
: Soldering iron
350
℃, Max.; 3 seconds, Max.
2. Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵HSS, SS, ES, and S series are not process sealed. If the PC board is to be
cleaned, clean the soldering surface of the substrate with a brush so that the
switch is not exposed to the cleaning solution.
★:Made to order products.


Similar Part No. - S_SERIES

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
S-SERIES KEYSIGHT-S-SERIES Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
logo
Ohmite Mfg. Co.
S-SERIES OHMITE-S-SERIES Datasheet
502Kb / 2P
High Current Shunts
logo
Keysight Technologies
S-SERIES KEYSIGHT-S-SERIES Datasheet
5Mb / 44P
Infiniium S-Series High-Definition Oscilloscopes
S-SERIES KEYSIGHT-S-SERIES_18 Datasheet
5Mb / 44P
Infiniium S-Series High-Definition Oscilloscopes
logo
Nichicon corporation
S6SERIES NICHICON-S6SERIES Datasheet
164Kb / 2P
Functional Polymer Aluminum Solid Electrolytic Capacitors
More results

Similar Description - S_SERIES

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
Miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com