Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2001NL Datasheet(PDF) 2 Page - Anachip Corp

Part # AP2001NL
Description  Monolithic Dual Channel PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2001NL Datasheet(HTML) 2 Page - Anachip Corp

  AP2001NL Datasheet HTML 1Page - Anachip Corp AP2001NL Datasheet HTML 2Page - Anachip Corp AP2001NL Datasheet HTML 3Page - Anachip Corp AP2001NL Datasheet HTML 4Page - Anachip Corp AP2001NL Datasheet HTML 5Page - Anachip Corp AP2001NL Datasheet HTML 6Page - Anachip Corp AP2001NL Datasheet HTML 7Page - Anachip Corp AP2001NL Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP2001
Monolithic Dual Channel PWM Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.3 Feb 20, 2004
2/8
Ordering Information
AP2001 X X X
Package
Packing
N: PDIP-16L
S: SOP-16L
Blank: Tube
A :
Taping
Lead Free
Blank : Normal
L : Lead Free Package
Block Diagram
Bandgap
Reference
DTC2
REF
OUT1
OUT2
PWM Amplifier 2
PWM Amplifier 1
EA1 +
EA1 -
VCC
Oscillator
RT
SCP
CT
DTC1
Error Amplifier 1
FB1
EA2+
EA2 -
Error Amplifier 2
FB2
R
S
VREF
UVLO
R
MAX.500KHz
GND
170K
1.18V
+
-
+
-
+
+
+
+
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com