Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2000 Datasheet(PDF) 4 Page - Copal Electronics

Part # SC-2000
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SC-2000 Datasheet(HTML) 4 Page - Copal Electronics

  SC-2000 Datasheet HTML 1Page - Copal Electronics SC-2000 Datasheet HTML 2Page - Copal Electronics SC-2000 Datasheet HTML 3Page - Copal Electronics SC-2000 Datasheet HTML 4Page - Copal Electronics SC-2000 Datasheet HTML 5Page - Copal Electronics SC-2000 Datasheet HTML 6Page - Copal Electronics SC-2000 Datasheet HTML 7Page - Copal Electronics SC-2000 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10
3.9
3.3
±0.5
1.27
Ⓒ
①② ④ ⑧
5 – 0.6
± 0.1
Production date code
t = 0.15
0.6 W
× 3.2 L × 1.2 D
2.54
2.54
2.54
8
7 9
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
<Through hole pin, Top setting>
O SC-1010 (Real code)
O SC-1030 (Complementary code)
10
3.9
3.3
±0.5
1.27
Ⓒ
①② ④ ⑧
5 – 0.6
± 0.1
t = 0.15
Production date code
0.6 W
× 3.2 L × 1.2 D
2.54
2.54
2.54
O SC-2010 (Real code)
O SC-2030 (Complementary code)
10
3.9
3.3
±0.5
1.27
Ⓒ
①② ④ ⑧
5 – 0.6
± 0.1
Production date code
t = 0.15
0.6 W
× 3.2 L × 1.5 D
2.54
2.54
2.54
8
7 9
O SC-1210 (Real code)
O SC-1230 (Complementary code)
10
3.9
3.3
±0.5
1.27
Ⓒ
①② ④ ⑧
5 – 0.6
± 0.1
t = 0.15
Production date code
0.6 W
× 3.2 L × 1.5 D
2.54
2.54
2.54
O SC-2210 (Real code)
O SC-2230 (Complementary code)
10
3.9
6.5
3.3
±0.5
1.27
Ⓒ
①② ④ ⑧
5 – 0.6
± 0.1
Production date code
t = 0.15
0.7 W
× 1 D
2.54
2.54
2.54
8
7 9
O SC-1110 (Real code)
O SC-1130 (Complementary code)
10
3.9
6.5
3.3
±0.5
1.27
Ⓒ
①② ④ ⑧
5 – 0.6
± 0.1
Production date code
t = 0.15
0.7 W
× 1 D
2.54
2.54
2.54
6
5
4
O SC-2110 (Real code)
O SC-2130 (Complementary code)
SC-1000 / 2000
ROTARY CODED SWITCHES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com