Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2001SL Datasheet(PDF) 6 Page - Anachip Corp

Part # AP2001SL
Description  Monolithic Dual Channel PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2001SL Datasheet(HTML) 6 Page - Anachip Corp

  AP2001SL Datasheet HTML 1Page - Anachip Corp AP2001SL Datasheet HTML 2Page - Anachip Corp AP2001SL Datasheet HTML 3Page - Anachip Corp AP2001SL Datasheet HTML 4Page - Anachip Corp AP2001SL Datasheet HTML 5Page - Anachip Corp AP2001SL Datasheet HTML 6Page - Anachip Corp AP2001SL Datasheet HTML 7Page - Anachip Corp AP2001SL Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP2001
Monolithic Dual Channel PWM Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.3 Feb 20, 2004
6/8
Typical Application Circuit
AP2001
1
2
34
56
78
16
15
14
13
12
11
10
9
C5
R5
33k
33k
500
pF
470
470
470
220
1uF
L2
R6
R7
C4
Buck Output
V
ref
33k
500pF
C1
R2
R1
33k
50k
0.47uF
V
CC
200k
470
33k
22k
330pF
150
L1
R3
R4
C2
Boost Output
Note:
Values for R1 through R7 , C1 through C4 , and
L1 and L2 depend upon individual application.
Dual output DC/DC converter
Marking Information
( Top View )
PDIP/SOP
1
9
8
AC
AP2001
YY WW X X
Logo
ID code
Year: "01" = 2001
"02" = 2002
Xth week: 01~52
16
Part No.
Blank: normal
L: Lead Free Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com