Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2010B Datasheet(PDF) 6 Page - Copal Electronics

Part # SC-2010B
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SC-2010B Datasheet(HTML) 6 Page - Copal Electronics

  SC-2010B Datasheet HTML 1Page - Copal Electronics SC-2010B Datasheet HTML 2Page - Copal Electronics SC-2010B Datasheet HTML 3Page - Copal Electronics SC-2010B Datasheet HTML 4Page - Copal Electronics SC-2010B Datasheet HTML 5Page - Copal Electronics SC-2010B Datasheet HTML 6Page - Copal Electronics SC-2010B Datasheet HTML 7Page - Copal Electronics SC-2010B Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
10
4
1.27
5 – 0.6
± 0.1
t = 0.15
0.6 W
× 3.2 L × 1.2 D
2.54
2.54
⑧④② ①
Ⓒ
2.54
Production date code
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
■ VARIOUS KNOBS
<Gull wing, Top setting>
O SC-1010B (Real code)
O SC-1030B (Complementary code)
10
4
1.27
5 – 0.6
± 0.1
t = 0.15
0.6 W
× 3.2 L × 1.2 D
2.54
2.54
⑧④② ①
Ⓒ
2.54
Production date code
5
4
6
O SC-2010B (Real code)
O SC-2030B (Complementary code)
10
4
1.27
5 – 0.6
± 0.1
t = 0.15
0.6 W
× 3.2 L × 1.5 D
2.54
2.54
⑧④② ①
Ⓒ
2.54
Production date code
O SC-1210B (Real code)
O SC-1230B (Complementary code)
10
4
1.27
5 – 0.6
± 0.1
t = 0.15
0.6 W
× 3.2 L × 1.5 D
2.54
2.54
⑧④② ①
Ⓒ
2.54
Production date code
5
4
6
O SC-2210B (Real code)
O SC-2230B (Complementary code)
Colored knob
Translucent thumbwheel
Yellow, red, white, gray and transparent knob, and translucent
thumbwheel type are available as a semi standard item.
(Switches with knob are not washable)
SC-1000 / 2000
ROTARY CODED SWITCHES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com