Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS10 Datasheet(PDF) 2 Page - Copal Electronics

Part # SPS10
Description  STEPPING MOTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SPS10 Datasheet(HTML) 2 Page - Copal Electronics

  SPS10 Datasheet HTML 1Page - Copal Electronics SPS10 Datasheet HTML 2Page - Copal Electronics SPS10 Datasheet HTML 3Page - Copal Electronics SPS10 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/2 phases bipolar
20
0.4 mm
20
μm
22
4.9 N
0.98 N
Net weight
Number of phases / Excitation
Item
Steps
Screw pitch
Step size
Winding resistance
Allowable thrust
Thrust
Voltage
Current
Pull-in thrust
Pull-out thrust
Temperature increase
Insulation resistance
Dielectric strength
Effective stroke
Effective mechanical stroke
Operating temperature range
Storage temperature range
Life
Wiring diagram
SPS10 series
Remarks
■ STANDARD SPECIFICATIONS
—
2 phases-EX.
—
2 phases-EX.
—
—
—
—
DC500 V
AC, 1 min
Initial strength value
Reference value
 ※1
※1:Life depends on greatly how to use it. For more information, please contact us.
※Please contact us for
driving the micro
step.
Refer to PERFORMANCE CURVES
Refer to TEMPERATURE CHARACTERISTICS
Approx. 6 g maximum
30 M
minimum
500 Vrms
8 mm(Code-1003 is 11 mm)
7 mm(Code-1003 is 10 mm)
0 ~ 50 °C
−
10 ~ 60 °C
1 million cycles minimum at a load 0.98 N
When 2 phase-EX. is in order the motor shaft moves ahead.
Step 1 → 4
step
φ1
φ3
φ2
φ4
1
H
L
H
L
2
L
H
H
L
3
L
H
L
H
4
H
L
L
H
1
H
L
H
L
Reference value
SPS10
STEPPING MOTORS
Lot production is required. Please consult us for ordering.
1
φ
1
SPS10-1200
SPS10-1002
φ
3
φ
2
φ
4
φ
1
4
φ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com