Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-7050EWC Datasheet(PDF) 2 Page - Copal Electronics

Part # S-7050EWC
Description  ROTARY CODED SWITCHES (SMD)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7050EWC Datasheet(HTML) 2 Page - Copal Electronics

  S-7050EWC Datasheet HTML 1Page - Copal Electronics S-7050EWC Datasheet HTML 2Page - Copal Electronics S-7050EWC Datasheet HTML 3Page - Copal Electronics S-7050EWC Datasheet HTML 4Page - Copal Electronics S-7050EWC Datasheet HTML 5Page - Copal Electronics S-7050EWC Datasheet HTML 6Page - Copal Electronics S-7050EWC Datasheet HTML 7Page - Copal Electronics S-7050EWC Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
16 positions
■ CODE FORMAT
No. of positions
10 positions
6 positions
Position
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
Code
Real code
8
4
2
1
8
4
2
1
Complemen-
tary code
■ LIST OF PART NUMBERS
O …Contact closed
Setting position
Top setting
Side setting
Shape of
terminal
A
(J-hook)
B
(Gull wing)
C
(Through hole pin)
A
(J-hook)
B
(Gull wing)
C
(Through hole pin)
Form of
packaging
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
Binary coded decimal
Binary coded hexal
Real code
Real code
S-7060ETA
S-7010ETA
S-7030ETA
S-7050ETA
S-7070ETA
500 pcs. / reel
S-7060EA
S-7010EA
S-7030EA
S-7050EA
S-7070EA
50 pcs. / pack
S-7060ETB
S-7010ETB
S-7030ETB
S-7050ETB
S-7070ETB
500 pcs. / reel
S-7060EB
S-7010EB
S-7030EB
S-7050EB
S-7070EB
50 pcs. / pack
S-7010EWC
S-7030EWC
S-7050EWC
S-7070EWC
50 pcs. / tray
S-7010EC
S-7030EC
S-7050EC
S-7070EC
50 pcs. / pack
A S-7011ETA A S-7031ETA A S-7051ETA A S-7071ETA
500 pcs. / reel
A S-7011EA
A S-7031EA
A S-7051EA
A S-7071EA
50 pcs. / pack
A S-7011ETB A S-7031ETB A S-7051ETB A S-7071ETB 500 pcs. / reel
A S-7011EB
A S-7031EB
A S-7051EB
A S-7071EB
50 pcs. / pack
A S-7011EWC A S-7031EWC A S-7051EWC A S-7071EWC 50 pcs. / tray
A S-7011EC
A S-7031EC
A S-7051EC
A S-7071EC
50 pcs. / pack
Complementary code
Binary coded hexadecimal
Pieces in
package
Real code
Complementary code
  : Not manufactured
※ Verify the above part numbers when placing orders.
Taping and tray version can be supplied only in reel or tray unit.
The products indicated by
A mark are manufactured upon
receipt of order basis.
S-7000
ROTARY CODED SWITCHES (SMD)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com