Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF Datasheet(PDF) 2 Page - Copal Electronics

Part # SRF
Description  Miniature Rotary Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SRF Datasheet(HTML) 2 Page - Copal Electronics

  SRF Datasheet HTML 1Page - Copal Electronics SRF Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SRF
★SRF113−Z
★SRF114−2−Z
1
−pole 3−position
1
−pole 4−position
Shaft stop
positions
Terminal connecting common(c)
Circuit
diagram
Number of
step
Step angle
123
1
○
245
°
2
○
3
○
●The circuit diagrams show the switches as viewed from the terminal
side with the shaft fully turned in the counter-clockwise direction.
Shaft stop
positions
Terminal connecting common(c)
Circuit
diagram
Number of
step
Step angle
1234
1
○
345
°
2
○
3
○
4
○
●The circuit diagrams show the switches as viewed from the terminal
side with the shaft fully turned in the counter-clockwise direction.
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
SRF113
−Z
AC125V 6A
AC250V 3A
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
5,000
cycles
●Ratings are based on resistance load.
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
SRF114
−2−Z
AC125V 3A
AC250V 1A
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
5,000
cycles
●Ratings are based on resistance load.
■Panel Cut-Out Dimensions
Panel thickness
  :5 mm max.
■Panel Cut-Out Dimensions
Panel thickness
  :3 mm max.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
1. Soldering SpeciÄcations
⑴Manual Soldering
Device
: Soldering iron
① 420℃, Max.; 3 seconds, Max.
■Optional Accessory
1. No dedicated knob is available for the SRF Series products.
■Handling Precautions(SRF series)
★:Made to order products.
4
M10×1
D-cut
45゚
4-φ2.3
20±2
8.2 ±0.5
9.5±0.5 10±0.5
3
±0
.5
22.5゚
5
FUJISOKU
2
3
3A-AC
V
Key Way
or



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com