Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS_SERIES Datasheet(PDF) 1 Page - Copal Electronics

Part # SS_SERIES
Description  Miniature Slide Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SS_SERIES Datasheet(HTML) 1 Page - Copal Electronics

  SS_SERIES Datasheet HTML 1Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OFF
‒
ON
ON
‒
ON
ON ‒OFF ‒ON
K
N
P
A
D
E
1 pole 2 poles
SS
  1  10  A
− Z
Series code
Number of poles
Switching function
Switching function
Current
Part No.and rating marking side
1
3
4
6
5
2
19
FU JI
SO KU
2-M3×0.5
16.4
6
6-φ2.6
9
(7.2)
31.3
(7.2)
3-φ2.6
9
29
2-M3×0.5
15.8
6
Part No.and rating marking side
1
2
3
16±1
SS
Miniature Slide Switches
■Part Numbering
RoHS Compliant
■Panel Cut-Out Dimension
■Panel Cut-Out Dimension
SS110
−Z
SS210
−Z
1
−pole
2
−pole
Switching function
Part No.
Viewed from part No. marking side
★SS110A−Z
OFF
−
OFF
Connecting terminals
−−
1
−3
★SS110D−Z
ON
−
ON
▲SS110E−Z
ON
OFF
ON
Connecting terminals
2
−1
−
2
−3
Switching function
Part No.
Viewed from part No. marking side
★SS210K−Z
OFF
−
ON
Connecting terminals
−−
1
−3
4
−6
☆SS210N−Z
ON
−
ON
★SS210P−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
■SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
SS210K
∼P
AC125V 10A
AC250V 6A
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
10,000
cycles
■SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
SS110A
∼E
AC125V 10A
AC250V 6A
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
10,000
cycles
■Terminal style
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Switches with switching function A
do not have terminal No. 2.
Switches with switching function K do not have terminal No. 2 and No. 5.
●For Soldering SpeciÄcations and Flux Cleaning, Please refer to P.525.
★:Made to order products.
☆:Semi-standard products.
▲:Inquiry products.


Similar Part No. - SS_SERIES

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
SS.SA.DC.0 IDEAL-TEK-SS.SA.DC.0 Datasheet
514Kb / 1P
High Precision - Diamond Tip Tweezers
logo
DATEL, Inc.
SS5S12-0.16 DATEL-SS5S12-0.16 Datasheet
145Kb / 1P
Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 12 Volts Output
SS5S15-0.13 DATEL-SS5S15-0.13 Datasheet
145Kb / 1P
Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 15 Volts Output
SS5S3.3-0.6 DATEL-SS5S3.3-0.6 Datasheet
145Kb / 1P
Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 3.3 Volts Output
SS5S5-0.4 DATEL-SS5S5-0.4 Datasheet
144Kb / 1P
Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 5 Volts Output
More results

Similar Description - SS_SERIES

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
Miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com