Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-10 Datasheet(PDF) 2 Page - Copal Electronics

Part # SS-10
Description  ROTARY SELECTOR SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SS-10 Datasheet(HTML) 2 Page - Copal Electronics

  SS-10 Datasheet HTML 1Page - Copal Electronics SS-10 Datasheet HTML 2Page - Copal Electronics SS-10 Datasheet HTML 3Page - Copal Electronics SS-10 Datasheet HTML 4Page - Copal Electronics SS-10 Datasheet HTML 5Page - Copal Electronics SS-10 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
SS-10 / S-2050
ROTARY SELECTOR SWITCHES
■ LIST OF PART NUMBERS
Circuit type
Shape
Form of packaging
Contact timing
Pieces in package
Top
setting
Side
setting
Without knob
With knob
Without knob
With knob
Without knob
With knob
Without knob
With knob
Without knob
With knob
Without knob
With knob
S-2050W
50 pcs./tray
S-2050
25 pcs./pack
S-2150W
50 pcs./tray
S-2150
25 pcs./pack
S-2051W
50 pcs./tray
S-2051
25 pcs./pack
S-2151W
50 pcs./tray
S-2151
25 pcs./pack
SS-10-15SP-EW
50 pcs./tray
SS-10-15S-PE
25 pcs./pack
SS-10-15SP-L-EW
50 pcs./tray
SS-10-15SP-L-E
25 pcs./pack
SS-10-16NP-EW
50 pcs./tray
SS-10-16NP-E
25 pcs./pack
SS-10-16NP-L-EW
50 pcs./tray
SS-10-16NP-L-E
25 pcs./pack
SS-10-16SP-AEW
50 pcs./tray
SS-10-16SP-AE
25 pcs./pack
SS-10-16SP-L-AEW
50 pcs./tray
SS-10-16SP-L-AE
25 pcs./pack
SS-10-23NP-EW
50 pcs./tray
SS-10-23NP-E
25 pcs./pack
SS-10-23NP-L-EW
50 pcs./tray
SS-10-23NP-L-E
25 pcs./pack
1 pole 4 contacts
1 pole 5 contacts
1 pole
6 contacts
With OFF
Without OFF
2 poles 3 contacts
Top
setting
: Not manufactured
※ Verify the above part numbers when placing orders.
Tray version can be supplied only in tray nuits.
Non-shorting
Shorting
C
1
2
3
2
3
C
1
ON
C1
1
C
 2 
C
1
C
2
3
4
5
ON
C1
2 3 4
■ SCHEMATIC DIAGRAMS
Series
SS-10-15SP-E
SS-10-15SP-L-E
Switching
specifications
Schematic
Series
Switching
specifications
Schematic
1 pole 5 contacts
SS-10-23NP-E
SS-10-23NP-L-E
2 poles 3 contacts
C
1
C
2
3
4
5
6
ON
C1
2 3 4
C
1
C
2
3
4
5
6
(OFF)
ON
C1
2 3 4
Series
SS-10-16NP-E
SS-10-16NP-L-E
Switching specifications
Schematic
1 pole 6 contacts (With OFF)
Series
SS-10-16SP-AE
SS-10-16SP-L-AE
Switching specifications
Schematic
1 pole 6 contacts (Without OFF)
C
1
2
3
4
ON
C1
2
3
S-2050
S-2051
S-2150
S-2151
Series
Switching
specifications
Schematic
1 pole 4 contacts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com