Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-5EMP Datasheet(PDF) 4 Page - Copal Electronics

Part # ST-5EMP
Description  SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-5EMP Datasheet(HTML) 4 Page - Copal Electronics

  ST-5EMP Datasheet HTML 1Page - Copal Electronics ST-5EMP Datasheet HTML 2Page - Copal Electronics ST-5EMP Datasheet HTML 3Page - Copal Electronics ST-5EMP Datasheet HTML 4Page - Copal Electronics ST-5EMP Datasheet HTML 5Page - Copal Electronics ST-5EMP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4.3
6.3
11
6.75
1
0.9
2
3
1
Resistance code, Production date code
& Lead free Identification mark
1.6, Slot 0.6 W
× 0.8 D
φ
8.75
1
1
1
6.75
4.3
1
2
1.6, Slot 0.6 W
× 0.8 D
3
1
Resistance code &
Production date code
φ
8.75
1
6.75
4.3
1
0.9
1
2
3
1
1.6, Slot 0.6 W
× 0.8 D
φ
1
6.75
1.6, Slot 0.6 W
× 0.8 D
φ
4.3
1
6.3
11
2
3
1
Resistance code & Production date code
Lead free Identification mark
Lead free Identification mark
Resistance code, Production date code
& Lead free Identification mark
ST-5
SURFACE MOUNT TRIMMERS
ST-5EP
Side adjustment
ST-5ER
Side adjustment
ST-5EW
Top adjustment
ST-5EX
Side adjustment
Note the terminal position.
CW rotation
1
2
3
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit: mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com