Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA-5111CE Datasheet(PDF) 2 Page - Copal Electronics

Part # SA-5111CE
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5111CE Datasheet(HTML) 2 Page - Copal Electronics

  SA-5111CE Datasheet HTML 1Page - Copal Electronics SA-5111CE Datasheet HTML 2Page - Copal Electronics SA-5111CE Datasheet HTML 3Page - Copal Electronics SA-5111CE Datasheet HTML 4Page - Copal Electronics SA-5111CE Datasheet HTML 5Page - Copal Electronics SA-5111CE Datasheet HTML 6Page - Copal Electronics SA-5111CE Datasheet HTML 7Page - Copal Electronics SA-5111CE Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SA-5000
ROTARY CODED SWITCHES
PART NUMBER DESIGNATION
S A - 5 0 1 0 A 1 E W
Series name
Shape of rotor
0
:Without knob
1
:With knob (extended shaft)
Code format
1
:10 positions, real code
3
:10 positions, complementary code
5
:16 positions, real code
7
:16 positions, complementary code
Resistance value
1
:10 kΩ
3
:3.3 kΩ
Terminal pin
E
:Sn-Cu (Lead-flee)
Form of packaging
W
:Tray packaging
Blank
:Plastic bag
Built-in circuit
A
:Resistors (Housing color Yellow)
B
:Resistor and diodes (Housing color Red)
C
:Diodes (Housing color Black)
D
:Diodes (Housing color Black)
(Polarity is for reverse with C)
Setting position
0
:Top setting
1
:Side setting
STANDARD SPECIFICATIONS
MECHANICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
BCD (Real code, complementary code)
BCH (Real code, complementary code)
−25 ~ 75 °C
Washable by “O” ring
※Please refer to 150,151
Approx. 1.5 g (Top setting)
Approx. 2.0 g (Side setting)
Approx. 1.6 g (Top setting with knob)
Approx. 2.0 g (Side setting with knob)
Contact rating
Non-switching
Switching
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
1
Ω maximum
1000 M
Ω (DC100 V) minimum
AC250 V, 60 s
Vibration
Shock
Load life
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Thermal shock
(Amplitude) 1.5 mm or
(Acceleration) 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 steps minimum
DC5 V, 100 mA
40 °C, Relative humidity 90 ~ 95 %, 240 h
75 °C, 16 h
− 25 °C, 16 h
−25 (0.5 h) ~ 75 °C (0.5 h), 5 cycles
No. of positions
16, 10
Adjustment torque
10 ~ 35 mN·m
{102 ~ 357 gf·cm}
Stepping angle
22.5° (16 positions)
36° (10 positions)
Terminal strength
10 N {1.02 kgf} minimum
Solderability
245
± 3 °C, 2 ~ 3 s
Soldering heat
{ } : Reference only
Flow : 260
± 3 °C, 5 ~ 6 s,
two times maximum
Manual soldering : 380
± 10 °C, 3 ~ 4 s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com