Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC100N06LS3G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC100N06LS3G
Description  OptiMOSTM3 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC100N06LS3G Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC100N06LS3G Datasheet HTML 1Page - Infineon Technologies AG BSC100N06LS3G Datasheet HTML 2Page - Infineon Technologies AG BSC100N06LS3G Datasheet HTML 3Page - Infineon Technologies AG BSC100N06LS3G Datasheet HTML 4Page - Infineon Technologies AG BSC100N06LS3G Datasheet HTML 5Page - Infineon Technologies AG BSC100N06LS3G Datasheet HTML 6Page - Infineon Technologies AG BSC100N06LS3G Datasheet HTML 7Page - Infineon Technologies AG BSC100N06LS3G Datasheet HTML 8Page - Infineon Technologies AG BSC100N06LS3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Type
BSC100N06LS3 G
OptiMOSTM3 Power-Transistor
Features
• Ideal for high frequency switching and sync. rec.
• Optimized technology for DC/DC converters
• Excellent gate charge x R
DS(on) product (FOM)
• Superior thermal resistance
• N-channel, logic level
• 100% avalanche tested
• Pb-free plating; RoHS compliant
• Qualified according to JEDEC
1) for target applications
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
50
A
V GS=10 V, T C=100 °C
36
V GS=4.5 V, T C=25 °C
41
V GS=4.5 V,
T C=100 °C
26
V GS=10 V, T A=25 °C,
R thJA=50 K/W
2)
12
Pulsed drain current
3)
I D,pulse
T C=25 °C
200
Avalanche energy, single pulse
4)
E AS
I D=50 A, R GS=25 W
22
mJ
Gate source voltage
V GS
±20
V
4) See figure 13 for more detailed information
Value
1) J-STD20 and JESD22
3) See figure 3 for more detailed information
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
V
DS
60
V
R
DS(on),max
10
m
W
I
D
50
A
Product Summary
Type
BSC100N06LS3 G
Package
PG-TDSON-8
Marking
100N06LS
Rev. 2.3
page 1
2013-05-21


Similar Part No. - BSC100N06LS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC100N06LS3G INFINEON-BSC100N06LS3G Datasheet
328Kb / 9P
OptiMOS3 Power-Transistor
Rev. 2.2 2010-08-31
More results

Similar Description - BSC100N06LS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com