Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

080N03LS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # 080N03LS
Description  OptiMOS?? Power-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

080N03LS Datasheet(HTML) 1 Page - Infineon Technologies AG

  080N03LS Datasheet HTML 1Page - Infineon Technologies AG 080N03LS Datasheet HTML 2Page - Infineon Technologies AG 080N03LS Datasheet HTML 3Page - Infineon Technologies AG 080N03LS Datasheet HTML 4Page - Infineon Technologies AG 080N03LS Datasheet HTML 5Page - Infineon Technologies AG 080N03LS Datasheet HTML 6Page - Infineon Technologies AG 080N03LS Datasheet HTML 7Page - Infineon Technologies AG 080N03LS Datasheet HTML 8Page - Infineon Technologies AG 080N03LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BSC080N03LS G
OptiMOS™3 Power-MOSFET
Features
• Fast switching MOSFET for SMPS
• Optimized technology for DC/DC converters
• Qualified according to JEDEC
1) for target applications
• N-channel; Logic level
• Excellent gate charge x R
DS(on) product (FOM)
• Very low on-resistance R
DS(on)
• Superior thermal resistance
• Avalanche rated
• Pb-free plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
53
A
V GS=10 V, T C=100 °C
33
V GS=4.5 V, T C=25 °C
43
V GS=4.5 V,
T C=100 °C
27
V GS=10 V, T A=25 °C,
R thJA=50 K/W
2)
14
Pulsed drain current
3)
I D,pulse
T C=25 °C
212
Avalanche current, single pulse
4)
I AS
T C=25 °C
45
Avalanche energy, single pulse
E AS
I D=35 A, R GS=25 W
15
mJ
Reverse diode dv /dt
dv /dt
I D=50 A, V DS=24 V,
di /dt =200 A/µs,
T j,max=150 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Value
1) J-STD20 and JESD22
V
DS
30
V
R
DS(on),max
8
m
W
I
D
53
A
Product Summary
PG-TDSON-8
Type
Package
Marking
BSC080N03LS G
PG-TDSON-8
080N03LS
Rev. 2.1
page 1
2013-05-17


Similar Part No. - 080N03LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
080N03L INFINEON-080N03L Datasheet
280Kb / 10P
OptiMOS?? Power-Transistor
Rev. 1.04 2010-01-19
More results

Similar Description - 080N03LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ033N03LSCG INFINEON-BSZ033N03LSCG Datasheet
330Kb / 9P
OptiMOS?? Power-MOSFET
Rev. 1.2 2009-11-05
BSC014N03LSG INFINEON-BSC014N03LSG Datasheet
445Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.3 2009-10-22
BSC025N03LSG INFINEON-BSC025N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.6 2009-10-22
BSC042N03LSG INFINEON-BSC042N03LSG Datasheet
384Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.25 2009-10-22
BSC080N03LSG INFINEON-BSC080N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.25 2009-11-03
BSC100N03LSG INFINEON-BSC100N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.6 2009-11-03
BSB104N08NP3G INFINEON-BSB104N08NP3G Datasheet
603Kb / 11P
OptiMOS?? Power-MOSFET
Rev. 2.1 2013-11-28
BSB044N08NN3G INFINEON-BSB044N08NN3G_11 Datasheet
902Kb / 11P
OptiMOS?? Power-MOSFET
Rev. 2.0 2011-07-18
BSB028N06NN3 INFINEON-BSB028N06NN3 Datasheet
749Kb / 11P
OptiMOS?? Power-MOSFET
Rev. 2.0 2014-04-17
BSC057N03LSG INFINEON-BSC057N03LSG_13 Datasheet
526Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 2.12 013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com