Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC166 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC166
Description  8 BIT PISO SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC166 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC166 Datasheet HTML 1Page - STMicroelectronics M54HC166 Datasheet HTML 2Page - STMicroelectronics M54HC166 Datasheet HTML 3Page - STMicroelectronics M54HC166 Datasheet HTML 4Page - STMicroelectronics M54HC166 Datasheet HTML 5Page - STMicroelectronics M54HC166 Datasheet HTML 6Page - STMicroelectronics M54HC166 Datasheet HTML 7Page - STMicroelectronics M54HC166 Datasheet HTML 8Page - STMicroelectronics M54HC166 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
SI
Serial Data Inputs
2, 3, 4, 5,
10, 11, 12,
14
A to H
Parallel Data Inputs
6
CK INH
Clock Enable Input
(Active LOW)
7
CK
Clock Input (LOW to
HIGH edge-triggered)
9
CLEAR
Asyncronous Master reset
Input (Active LOW)
13
QH
Serial Output from the
Last Stage
15
S/L
Parallel Enable Input
(Active LOW)
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
INPUTS
INTERNAL
OUTPUTS
OUTPUTS
CLEAR
SHIFT/LOAD CLOCK INH
CLOCK
SERIAL IN
PARALLEL
A...............H
QA
QB
QH
L
XXXX
X
L
L
L
L
X
X
X
X
NO CHANGE
HL
L
X
a................ha
b
h
H
H
L
H
X
H
QAn
QGn
H
H
L
L
X
L
QAn
QGn
H
X
H
X
X
X
NO CHANGE
X: Don’t Care
a...........h : The level of steady state input voltage at inputs a trough H respectively
M54/M74HC166
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com