Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTE39 Datasheet(PDF) 2 Page - Riedon Powertron

Part # HTE39
Description  High Voltage / Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HTE39 Datasheet(HTML) 2 Page - Riedon Powertron

  HTE39 Datasheet HTML 1Page - Riedon Powertron HTE39 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 53
07/15
SPECIFICATIONS (continued)
Specification
Value
Resistance Range
1kOhms to 100MOhms
Tolerances
±1% to ±10%
Temperature Coefficient
±100ppm/°C : -25°C to +125°C ( Standard )
±20 to ±150 ppm/K ( On Request )
Temperature Range
-55°C to +195°C
Insulation Resistance
>10000 MOhms
Encapsulation
Epoxy Conformal Coating / silicon or glass upon request
Environmental Performance
(MIL-STD 202)
∆R
Load Life
±0.7%
Moisture Resistance
±0.4%
Thermal Shock
±0.25%
5X Overload ( 5s )
±0.5%
HTE Series
High Voltage / Thick Film Resistors
0
50
100
150
200
250
300
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com