Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV772 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV772
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV772 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV772 Datasheet HTML 1Page - National Semiconductor (TI) LMV772 Datasheet HTML 2Page - National Semiconductor (TI) LMV772 Datasheet HTML 3Page - National Semiconductor (TI) LMV772 Datasheet HTML 4Page - National Semiconductor (TI) LMV772 Datasheet HTML 5Page - National Semiconductor (TI) LMV772 Datasheet HTML 6Page - National Semiconductor (TI) LMV772 Datasheet HTML 7Page - National Semiconductor (TI) LMV772 Datasheet HTML 8Page - National Semiconductor (TI) LMV772 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMV771/LMV772/LMV774
Single/Dual/Quad, Low Offset, Low Noise, RRO
Operational Amplifiers
General Description
The LMV771/LMV772/LMV774 are Single, Dual, and Quad
low noise precision operational amplifiers intended for use in
a wide range of applications. Other important characteristics
of the family include extended operating temperature range,
−40˚C to 125˚C, tiny SC70-5 package for LMV771, and low
input bias current.
The extended temperature range of −40˚C to 125˚C allows
the LMV771/LMV772/LMV774 to accommodate a broad
range of applications. LMV771 expands National Semicon-
ductor’s Silicon Dust™ amplifier portfolio offering enhance-
ments in size, speed, and power savings. The LMV771/
LMV772/LMV774 are guaranteed to operate over the
voltage range of 2.7V to 5.0V and all have rail-to-rail output.
The LMV771/LMV772/LMV774 family is designed for preci-
sion, low noise, low voltage, and miniature systems. These
amplifiers provide rail-to-rail output swing into heavy loads.
The maximum input offset voltage for LMV771 is 850 µV at
room temperature and the input common mode voltage
range includes ground.
The LMV771 is offered in the tiny SC70-5 package, LMV772
in space saving MSOP-8 and SOIC-8, and the LMV774 in
TSSOP-14.
Features
(Typical 2.7V Supply Values; Unless Otherwise Noted)
n
Guaranteed 2.7V and 5V specifications
n
Maximum V
OS (LMV771)
850µV (limit)
n
Voltage Noise
— f = 100Hz
12.5nV/
— f = 10kHz
7.5nV/
n
Rail-to-Rail output swing
— w/600
Ω load
100mV from rail
— w/2k
Ω load
50mV from rail
n
Open loop gain w/2k
Ω load
100dB
n
V
CM
0toV
+ -0.9V
n
Supply current (per amplifier)
550µA
n
Gain bandwidth product
3.5MHz
n
Temperature range
−40˚C to 125˚C
Applications
n
Transducer amplifier
n
Instrumentation amplifier
n
Precision current sensing
n
Data acquisition systems
n
Active filters and buffers
n
Sample and hold
n
Portable/battery powered electronics
Connection Diagram
SC70-5
20039667
Top View
Instrumentation Amplifier
20039636
November 2003
© 2003 National Semiconductor Corporation
DS200396
www.national.com


Similar Part No. - LMV772

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV772 TI-LMV772 Datasheet
1Mb / 34P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
LMV772-Q1 TI-LMV772-Q1 Datasheet
1Mb / 34P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
LMV772MA TI1-LMV772MA Datasheet
1Mb / 33P
LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
LMV772MA/NOPB TI1-LMV772MA/NOPB Datasheet
1Mb / 33P
LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
LMV772MA/NOPB TI-LMV772MA/NOPB Datasheet
1Mb / 34P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results

Similar Description - LMV772

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
Low Offset RRO Operational Amplifier
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV772MA TI1-LMV772MA Datasheet
1Mb / 33P
LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
Low Offset, Low Noise, RRO Operational Amplifier
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com