Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC032NE2LS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSC032NE2LS
Description  OptiMOSTM Power-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC032NE2LS Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSC032NE2LS Datasheet HTML 1Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 2Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 3Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BSC032NE2LS
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1200
1596
pF
Output capacitance
C oss
-
470
625
Reverse transfer capacitance
Crss
-
51
-
Turn-on delay time
t d(on)
-
3.3
-
ns
Rise time
t r
-
2.8
-
Turn-off delay time
t d(off)
-
15
-
Fall time
t f
-
2.2
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
3.1
4.1
nC
Gate charge at threshold
Q g(th)
-
1.9
-
Gate to drain charge
Q gd
-
1.9
2.9
Switching charge
Q sw
-
3.1
-
Gate charge total
Q g
-
7.7
10
Gate plateau voltage
V plateau
-
2.7
-
V
Gate charge total
Q g
V DD=12 V, I D=30 A,
V GS=0 to 10 V
-
16
21
nC
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 4.5 V
-
6.7
-
Output charge
Q oss
V DD=12 V, V GS=0 V
-
9.4
13
Reverse Diode
Diode continuous forward current
I S
-
-
37
A
Diode pulse current
I S,pulse
-
-
148
Diode forward voltage
V SD
V GS=0 V, I F=30 A,
T j=25 °C
-
0.87
1
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
10
-
nC
5) See figure 16 for gate charge parameter definition
4) See figure 13 for more detailed information
T C=25 °C
Values
V GS=0 V, V DS=12 V,
f =1 MHz
V DD=12 V, V GS=10 V,
I D=30 A, R G,ext=1.6 W
V DD=12 V, I D=30 A,
V GS=0 to 4.5 V
Rev. 2.2
page 3
2013-04-29



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com