Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-1C2CSR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B-1C2CSR
Description  LIGHT BAR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B-1C2CSR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B-1C2CSR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-1020X, B-1C2CX
LIGHT BAR
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Part No.
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
B-1020E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
12.0
B-1020G
GaP
Green
565
2.1
2.8
10.0
B-1020Y
GaAsP/GaP Yellow
585
2.1
2.8
10.0
B-1020SR
GaAlAs
Super Red
660
1.8
2.4
20.0
D66
B-1C2CE
GaAsP/GaP Hi.effi Red
635
2.0
2.8
12.0
B-1C2CG
GaP
Green
565
2.1
2.8
10.0
B-1C2CY
GaAsP/GaP Yellow
585
2.1
2.8
10.0
B-1C2CSR
GaAlAs
Super Red
660
1.8
2.4
20.0
D67
Fig.D66
Fig.D67
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - B-1C2CSR

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
B-1 IRCTT-B-1 Datasheet
158Kb / 3P
Beryllia Core, Silicone Coated Power Resistors MIL-R-26 (RW) & Commercial Industrial Styles
logo
NEC
B-1 NEC-B-1 Datasheet
2Mb / 45P
DC Line Fileters
logo
Kemet Corporation
B-1 KEMET-B-1 Datasheet
55Kb / 1P
KEMET, BEAD W, DC Line Filters, Normal Mode
logo
IRC - a TT electronics ...
B-10 IRCTT-B-10 Datasheet
158Kb / 3P
Beryllia Core, Silicone Coated Power Resistors MIL-R-26 (RW) & Commercial Industrial Styles
logo
NEC
B-10 NEC-B-10 Datasheet
2Mb / 45P
DC Line Fileters
More results

Similar Description - B-1C2CSR

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E2010 GILWAY-E2010 Datasheet
183Kb / 3P
Light Bar
logo
List of Unclassifed Man...
A-1804X ETC-A-1804X Datasheet
80Kb / 1P
LIGHT BAR
B-4025 ETC1-B-4025 Datasheet
68Kb / 1P
LIGHT BAR
logo
Kingbright Corporation
WP835 KINGBRIGHT-WP835 Datasheet
409Kb / 6P
5mmx10mm LIGHT BAR
DE4GD KINGBRIGHT-DE4GD Datasheet
140Kb / 4P
15mmx15mm LIGHT BAR
DE4ID KINGBRIGHT-DE4ID Datasheet
141Kb / 4P
15mmx15mm LIGHT BAR
logo
SunLED Corporation
EUR26D SUNLED-EUR26D Datasheet
173Kb / 4P
10mmx16mm LIGHT BAR
EUR28D SUNLED-EUR28D Datasheet
176Kb / 4P
10mmx22mm LIGHT BAR
logo
Lucky Light Electronic
KWL-2727UX LUCKY-LIGHT-KWL-2727UX Datasheet
43Kb / 1P
Light Bar Display
logo
List of Unclassifed Man...
B-2709X ETC-B-2709X Datasheet
40Kb / 1P
LIGHT BAR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com