Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR Datasheet(PDF) 1 Page - Riedon Powertron

Part # MSR
Description  Bare Metal Element Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MSR Datasheet(HTML) 1 Page - Riedon Powertron

  MSR Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 75
07/13
MSR Series
Part Description: Part Type - Resistance - Tolerance
Example: MSR-3 0.100Ohm 1%
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Type
Power Rating
Watts @ 85°C
Resistance
( Ω )
1
Tolerances
Dimensions
L
+0.040 / -0.020”
[+1.0 / -0.5mm]
H
D
±0.002”
[±0.05mm]
W
+0.010 / -0.005”
[+0.25 /
-0.13mm]
A
±0.030”
[±0.8mm]
MSR-1
1
0.005, 0.01, 0.02,
0.025, 0.03, 0.04,
0.05, 0.1
±1% / ±5%
0.450 [11.4]
0.200 [5.1]
±0.100”
[±2.5mm]
0.040 [1.0]
0.065 [1.7]
0.125
[3.2]
MSR-3
3
0.005, 0.01, 0.015,
0.02, 0.025, 0.03,
0.04, 0.05, 0.1
±1% / ±5%
0.600 [15.2]
1.0 [25.4]
MAX
0.040 [1.0]
0.065 [1.7]
0.125
[3.2]
MSR-5
5
0.005, 0.01, 0.015,
0.02, 0.025, 0.03,
0.05, 0.1
±1% / ±5%
0.800 [20.3]
1.0 [25.4]
MAX
0.040 [1.0]
0.065 [1.7]
0.125
[3.2]
SPECIFICATIONS
1 Call Factory for Other Resistances
Bare Metal Element Resistors
Ordering Information
• Resistances from 0.005 to 0.100Ohms
• Tolerance to ±1%
• Resistance Wire TCR: ± 20ppm/°C
• For Current Sensing and Shunt Applications
• All Welded Construction
• Low Inductance ( <10nH )
• Economical Bare Metal Element
Standard Package Quantities
MSR-1
250 (Bulk Only)
MSR-3
MSR-5


Similar Part No. - MSR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
MSR MACOM-MSR Datasheet
174Kb / 3P
High inrush currents with AgSnO contacts
MSR MACOM-MSR Datasheet
63Kb / 1P
Miniature Power PCB Relay MSR / V23061
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
logo
Riedon Powertron
MSR-1 RIEDON-MSR-1 Datasheet
224Kb / 1P
Bare Metal Element Resistors
More results

Similar Description - MSR

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MS-3 WILLOW-MS-3 Datasheet
314Kb / 1P
Bare Metal Element Resistors
logo
Riedon Powertron
MS-1 RIEDON-MS-1 Datasheet
249Kb / 1P
Bare Metal Element Resistors
MSR-1 RIEDON-MSR-1 Datasheet
224Kb / 1P
Bare Metal Element Resistors
logo
Bourns Electronic Solut...
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
Bare Metal Element Resistor
PWR4412-2SBR0300J BOURNS-PWR4412-2SBR0300J Datasheet
108Kb / 1P
Bare Metal Element Resistor
logo
Riedon Powertron
MS-1-0.005-OHM RIEDON-MS-1-0.005-OHM Datasheet
141Kb / 1P
Bare Metal Element Resistors
MSR1-0R01F1 RIEDON-MSR1-0R01F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
MSR1-0R05F1 RIEDON-MSR1-0R05F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
MSR5-0R005F1 RIEDON-MSR5-0R005F1 Datasheet
127Kb / 1P
Bare Metal Element Resistors
MSR1-0R1F1 RIEDON-MSR1-0R1F1 Datasheet
127Kb / 1P
Bare Metal Element Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com