Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR1117 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SLR1117
Description  Current Limiting and Thermal Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SLR1117 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SLR1117 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Technical Data
800mA Low Dropout Positive Regulator
Data Sheet N1575, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SLR1117
Description:
The SLR1117 is a low dropout, three terminals regulator designed to provide output current up to
800mA. The device is available in an adjustable version and fixed output voltage of1.8V, 2.5V and 3.3V.
Dropout voltage of maximum of 1.4V is guaranteed at 800mA output current. The quality of low
dropout voltage and fast transient response make this device ideal for low voltage microprocessor
applications.
The SLR1117 requires output capacitance of a minimum of 10μF for stability. Built-in output current
limiting and thermal limiting provide maximal protection to the SLR1117 against fault conditions.
Features:
Dropout Voltage 1.2V at 800mA Output Current.
Fast Transient Response.
Line Regulation, typical at 0.015%.
Load Regulation, typical at 0.1%.
Current Limiting and Thermal Protection.
Adjustable Output Voltage or Fixed 1.8V, 2.5Vand 3.3V.
Standard 3-Pin Power Packages.
Applications:
Active SCSI Terminators.
Post Regulators for Switching Supplies.
Battery Chargers.
PC Add-On Card.
Typical application circuit:
Adjustable Voltage Regulator
Fixed Voltage Regulator


Similar Part No. - SLR1117

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
Current Limiting and Thermal Protection
SLR1117A-18GTR SMC-SLR1117A-18GTR Datasheet
350Kb / 12P
Current Limiting and Thermal Protection
SLR1117A-25GTR SMC-SLR1117A-25GTR Datasheet
350Kb / 12P
Current Limiting and Thermal Protection
SLR1117A-33GTR SMC-SLR1117A-33GTR Datasheet
350Kb / 12P
Current Limiting and Thermal Protection
More results

Similar Description - SLR1117

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084 Datasheet
174Kb / 12P
Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
Current Limiting and Thermal Protection Battery Chargers
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
logo
Solid State Optronic
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
Current limiting (over-current protection)
M211-L SSOUSA-M211-L_15 Datasheet
191Kb / 5P
Current limiting ??(over-current protection)
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
Current Limiting and Thermal Protection
logo
Skyworks Solutions Inc.
SKY77551 SKYWORKS-SKY77551 Datasheet
105Kb / 2P
Current limiting for over-voltage protection and extended battery life
logo
Texas Instruments
TLV710 TI1-TLV710_16 Datasheet
1Mb / 32P
Over-Current and Thermal Protection
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
Current Limiting and Thermal Protection
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
Current Limiting and Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com