Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR1117A Datasheet(PDF) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SLR1117A
Description  Current Limiting and Thermal Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SLR1117A Datasheet(HTML) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Back Button SLR1117A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A Datasheet HTML 10Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A Datasheet HTML 11Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Technical Data
800mA Low Dropout Positive Regulator
Data Sheet N1576, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SLR1117A
Application Information
INPUT-OUTPUT CAPACITORS
Linear regulators require input and output capacitors to maintain stability. Input capacitor at 10μF with a 10μF
aluminum electrolytic output capacitor is recommended.
POWER DISSIPATION
The SLR1117A obtains thermal-limiting circuitry, which is designed to protect the device against overload
condition. For continuous load condition, maximum rating of junction temperature must not be exceeded. It is
important to pay more attention in thermal resistance. It includes junction to case, junction to ambient. The
maximum power dissipation of SLR1117A depends on the thermal resistance of its case and circuit board,
the temperature difference between the die junction and ambient air, and the rate of airflow. The rate of
temperature rise is greatly affected by the mounting pad configuration on the PCB, the board material, and
the ambient temperature. When the IC mounting with good thermal conductivity is used, the junction
temperature will be low even when large power dissipation applies.
The power dissipation across the device is P = I
OUT
(V
IN
-V
OUT
).
The maximum power dissipation is:
(TJ-max - TA)
PMAX =
RΘJA
Where T
J-max
is the maximum allowable junction temperature (125°C), and T
A
is the ambient temperature
suitable in application.
As a general rule, the lower temperature is, the better reliability of the device is. So the PCB mounting pad
should provide maximum thermal conductivity to maintain low device temperature.
Application Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com