Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

129NQ-R-1 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 129NQ-R-1
Description  Easier to mount and lower profile than DO-5?셎
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

129NQ-R-1 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  129NQ-R-1 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 129NQ-R-1 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 129NQ-R-1 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 129NQ-R-1 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1169, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
129NQ...R-1 SERIES
129NQ135/R-1 129NQ150/R-1
SCHOTTKY RECTIFIER
Applications:
● Switching power supply ● Converters ● Free-Wheeling diodes ● Reverse battery protection
Features:
•
175℃ TJ operation
•
Unique high power, Half-Pak module
•
Replaces three parallel DO-5’S
•
Easier to mount and lower profile than DO-5’S
•
High purity, high temperature epoxy encapsulation for enhanced
mechanical strength and moisture resistance
•
Low forward voltage drop
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In Inches / mm
PRM1-1(HALF PAK Module)
MARKING,MOLDING RESIN
Marking for 129NQ135(150)/R-1, 1
st row SS YYWWL, 2nd row 129NQ135(150)-1/129NQ135(150)R-1
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL:94V-0
129NQ135-1
129NQ135R-1


Similar Part No. - 129NQ-R-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
129NQ IRF-129NQ Datasheet
113Kb / 4P
SCHOTTKY RECTIFIER
129NQ135 IRF-129NQ135 Datasheet
113Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
129NQ135 SMCDIODE-129NQ135 Datasheet
349Kb / 5P
SCHOTTKY RECTIFIER
Rev. A
129NQ135/R-1 SMCDIODE-129NQ135/R-1 Datasheet
349Kb / 5P
SCHOTTKY RECTIFIER
Rev. A
logo
International Rectifier
129NQ135R IRF-129NQ135R Datasheet
113Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 129NQ-R-1

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P0640SA MDE-P0640SA Datasheet
168Kb / 3P
SURFACE MOUNT SMB AND AXIAL LEAD DO-15
logo
Exar Corporation
DAN-134 EXAR-DAN-134 Datasheet
72Kb / 6P
EXAR?셎 ST16C654 AND XR16C854 COMPARED
logo
MDE Semiconductor, Inc.
P0640SA MDE-P0640SA_13 Datasheet
180Kb / 2P
SURFACE MOUNT SMB AND AXIAL LEAD DO-41
P0640SC MDE-P0640SC_13 Datasheet
168Kb / 3P
SURFACE MOUNT SMB AND AXIAL LEAD DO-15
logo
Sangdest Microelectroni...
180NQ-1 SMC-180NQ-1 Datasheet
211Kb / 4P
Replaces three parallel DO-5?셎
181NQ-1 SMC-181NQ-1 Datasheet
219Kb / 4P
Easier to mount and lower profile than DO-5?셎
240NQ-1 SMC-240NQ-1 Datasheet
220Kb / 4P
Easier to mount and lower profile than DO-5?셎
249NQ135 SMC-249NQ135 Datasheet
176Kb / 4P
Replaces three parallel DO-5?셎
logo
Cirrus Logic
CS2000 CIRRUS-CS2000 Datasheet
980Kb / 1P
New Clocking Family Offers System Flexibility, Lower Cost, and Easier System Design
logo
PHOENIX CONTACT
1407653 PHOENIX-1407653 Datasheet
58Kb / 3P
Lower costs than metal version
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com