Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS Datasheet(PDF) 2 Page - Riedon Powertron

Part # PCS
Description  Low TCR Current Sense Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PCS Datasheet(HTML) 2 Page - Riedon Powertron

  PCS Datasheet HTML 1Page - Riedon Powertron PCS Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 28
05/16
PCS
Low TCR Current Sense Resistors
0
20
40
60
80
100
120
25
50
85
100
115
130
Temperature of the backplate (°C)
0.5%
0.1%
0.2%
Power Rating Notes -
The PCS Series Resistors must be attached to a suitable heat-
sink. The maximum internal resistor temperature is 130°C.
To specify an appropriate heatsink use the following formula :
Where:
R
θ
H = Thermal Resistance of Heatsink ( K/W )
R
θ
R = Thermal Resistance of Resistor ( K/W )
T
MAX = Maximum Temperature of Resistor
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
Dimension
mm
tol.
(±mm)
inches
tol.
(±inches)
A
17.25
±0.2
0.68
±0.008
B
22.30
±0.2
0.88
±0.008
C
3.20
±0.1
0.13
±0.004
D
Ø3.20
±0.1
Ø0.13
±0.004
E
16.75
±0.008
0.66
±0.2
F
7.62
±0.008
0.30
±0.2
G
17.78
±0.008
0.70
±0.2
H
1.50
±0.2
0.06
±0.008
I
1.10
±0.008
0.04
±0.2
J
2.00
±0.004
0.08
±0.1
K
3.00
±0.004
0.12
±0.1
L
8.00
±0.008
0.31
±0.2
M
3.00
±0.008
0.12
±0.2
N
1.50
±0.004
0.06
±0.1
O
4.50
±0.004
0.18
±0.1
P
3.75
±0.008
0.15
±0.2
Q
0.80
±0.1
0.03
±0.004
R
2.10
±0.008
0.08
±0.2
Temperature (°C)
( *
)
R
P
T
P
R
T
H
MAX
R
A
=
-
-
H
H
Derating
Dimensions
Temperature Coe cient
-2000
-1000
0
1000
2000
+10 ppm/K
-
10 ppm/K
+5 ppm/K
-
5 ppm/K
Nominal R/R
-40
-20
0
20
40
60
80
100
120
140
I
U
U
I
I = Current
U = Voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com