Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201CMQ Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 201CMQ
Description  High current switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

201CMQ Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  201CMQ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 201CMQ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 201CMQ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 201CMQ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1187, Rev. B
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
201CMQ SERIES
201CMQ035/201CMQ040/201CMQ045/201CMQ050
SCHOTTKY RECTIFIER
Applications:
● High current switching power supply ● Plating power supply ● Free-Wheeling diodes
● Reverse battery protection ● Converters ● UPS System ● Welding
Features:
175 ℃ TJ operation
Center tap module
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm/Inches
PRM4 (Isolated)
MARKING,MOLDING RESIN
Marking for 201CMQ035/040/045/050, 1
st row SS YYWWL, 2nd row 201CMQ035/040/045/050
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL:94V-0


Similar Part No. - 201CMQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
201CMQ IRF-201CMQ Datasheet
130Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
201CMQ SMCDIODE-201CMQ Datasheet
337Kb / 5P
SCHOTTKY RECTIFIER
Rev. C
logo
International Rectifier
201CMQ035 IRF-201CMQ035 Datasheet
130Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
201CMQ035 SMC-201CMQ035 Datasheet
211Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
201CMQ035 SMCDIODE-201CMQ035 Datasheet
337Kb / 5P
SCHOTTKY RECTIFIER
Rev. C
More results

Similar Description - 201CMQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May-1993
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
07-Jan-591
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
High Performance Current Mode PWM Switching Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
High frequency switching power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
High frequency switching power supply
logo
Sangdest Microelectroni...
409CNQ SMC-409CNQ Datasheet
155Kb / 4P
High current switching power supply
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
High Performance Current Mode PWM Switching Power Supply controller
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
High performance current mode PWM switching power supply controller
LPA-700-45 ETC-LPA-700-45 Datasheet
252Kb / 2P
Power Supply LED Constant Current Water-proof Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com