Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SS12
Description  High forward surge current capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SS12 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SS12 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS12 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS12 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS12 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS12 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS12 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green products
Data Sheet N0229, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SS12
THRU
SS110
SS12 THRU SS110 SCHOTTKY RECTIFIER
Features:
•
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
•
For surface mounted applications
•
Metal silicon junction, majority carrier conduction
•
Low Power Loss, High Efficiency
•
Built-in strain relief, ideal for automated placement
•
High forward surge current capability
•
High temperature soldering guaranteed:250 C/10 seconds at terminals
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: JEDEC SMA molded plastic body
•
Terminals: leads solderable per MIL-STD-750, Method 2026
•
Polarity: Color band denotes cathode end
•
Weight: 0.003 ounce, 0.093 grams
•
Mounting Position: Any
Mechanical Dimensions (In mm / Inches)
OPTION 1(XH)
SS12


Similar Part No. - SS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS12 SURGE-SS12 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS12 TRSYS-SS12 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
42Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS12 JGD-SS12 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS12

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
High forward surge current capability
logo
DIOTEC Electronics Corp...
1N4001S DEC-1N4001S Datasheet
666Kb / 2P
High forward surge current capability
6A05 DEC-6A05 Datasheet
784Kb / 2P
High forward surge current capability
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
High forward surge current capability
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
High surge forward current capability
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
High surge forward current capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com