Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22-SS210 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SS22-SS210
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SS22-SS210 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SS22-SS210 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22-SS210 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22-SS210 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22-SS210 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green products
Data Sheet N0979, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SS22-SS210
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Marking Diagram:
Where XXXXX is YYWWL
SS22
= Part Name
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
SS22-SS210
SMB
(Pb-Free)
3000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.


Similar Part No. - SS22-SS210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS22-S210 FAIRCHILD-SS22-S210 Datasheet
41Kb / 3P
Glass passivated junctions
logo
DONGGUAN YOU FENG WEI E...
SS22-SMA YFWDIODE-SS22-SMA Datasheet
292Kb / 2P
Schottky rectifier
logo
Dongguan City Niuhang E...
SS22-SMAW-NH-E-OK NIUHANG-SS22-SMAW-NH-E-OK Datasheet
14Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS22-SMB YFWDIODE-SS22-SMB Datasheet
301Kb / 2P
Schottky rectifier
More results

Similar Description - SS22-SS210

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com