Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2601 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2601
Description  Adapter Interface Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2601 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2601 Datasheet HTML 1Page - National Semiconductor (TI) LM2601 Datasheet HTML 2Page - National Semiconductor (TI) LM2601 Datasheet HTML 3Page - National Semiconductor (TI) LM2601 Datasheet HTML 4Page - National Semiconductor (TI) LM2601 Datasheet HTML 5Page - National Semiconductor (TI) LM2601 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM2601
Adapter Interface Circuit
General Description
The Adapter Interface Circuit (AIC) is used to sense the
presence of an external power source for a portable com-
puter. It notifies the computer if a source is present and
indicates if the source is appropriate for charging battery
packs inside the computer. The AIC also senses an adapter
current and its direction. AIC isolates the adapter and signals
the computer when peak current threshold is exceeded.
LM2601 drives P-channel FETs. No high current rated
Schottky diode is required to implement an adapter switcho-
ver circuit. This significantly decreases additional heat dissi-
pation during simultaneous fast battery charging while run-
ning a computer, particularly in Maximum Performance
mode of operation
Features
n
Detects an AC-DC adapter suitable for battery charging
or an airplane or car power line adapter that should not
be used for battery charging
n
Allows the implementation of intelligent switchover
circuits for portable systems
n
LM2601 shuts down automatically when adapter is
removed
n
Low leakage current from battery when not powered
n
Drives P-channel FETs, no Schottky diodes are required
n
No reverse inrush current from battery into the adapter
output capacitance
n
Allows for battery capacity gas-gauge calibration under
system software/firmware control
n
Adapter over current threshold programmable with
external resistors
n
Wide input range: 5V - 24V
n
Available in TSSOP-14 package
Applications
n
Portable Computers
n
Portable IAs (Internet Appliances, Information
Appliances)
n
Other Battery Powered Devices
Block Diagram
10130901
April 2001
© 2001 National Semiconductor Corporation
DS101309
www.national.com


Similar Part No. - LM2601

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM2601616AB LIGHTKEY-LM2601616AB Datasheet
212Kb / 3P
LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616AD LIGHTKEY-LM2601616AD Datasheet
212Kb / 3P
LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616AG LIGHTKEY-LM2601616AG Datasheet
212Kb / 3P
LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616AO LIGHTKEY-LM2601616AO Datasheet
212Kb / 3P
LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616APG LIGHTKEY-LM2601616APG Datasheet
212Kb / 3P
LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
More results

Similar Description - LM2601

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC6821 MOTOROLA-MC6821 Datasheet
1Mb / 10P
PERIPHERAL INTERFACE ADAPTER
logo
NTE Electronics
NTE6821 NTE-NTE6821 Datasheet
45Kb / 5P
Integrated Circuit Peripheral Interface Adapter (PIA), NMOS, 1MHz
NTE6850 NTE-NTE6850 Datasheet
31Kb / 3P
Integrated Circuit NMOS, Asynchronous Communications Interface Adapter
logo
California Micro Device...
G65SC21 CALMIRCO-G65SC21 Datasheet
605Kb / 10P
CMOS Peripheral Interface Adapter
logo
List of Unclassifed Man...
EF6821 ETC-EF6821 Datasheet
603Kb / 12P
PERIPHERAL INTERFACE ADAPTER
logo
UMC Corporation
UM6522 UMC-UM6522 Datasheet
1Mb / 17P
VERSATILE INTERFACE ADAPTER
logo
Altera Corporation
A6850 ALTERA-A6850 Datasheet
281Kb / 15P
Asynchronous Communications Interface Adapter
logo
Micro Electronics
UM82C11 MICRO-ELECTRONICS-UM82C11 Datasheet
127Kb / 1P
Printer Adapter Interface (PAI)
logo
UMC Corporation
UM82C11-C UMC-UM82C11-C Datasheet
517Kb / 9P
Printer Adapter Interface (PAI)
logo
Texas Instruments
USB2ANY TI1-USB2ANY Datasheet
655Kb / 21P
Interface Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com