Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLH3 Datasheet(PDF) 1 Page - MMD Components

Part # MLH3
Description  Hermetically Sealed Ceramic SMD Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MLH3 Datasheet(HTML) 1 Page - MMD Components

  MLH3 Datasheet HTML 1Page - MMD Components MLH3 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
07/19/11 G
Subject to change without notice
Pg 1 of 2
Revision:
M
ML
LH
H &
& M
ML
LT
T S
Se
erriie
ess C
Ce
erra
am
miicc JJ--L
Le
ea
ad
d O
Osscciilllla
atto
orr
 Hermetically Sealed Ceramic SMD Package
 Wide Frequency Range
 Available to -55°C to +125°C Operating
 RoHS Compliant Available
Marking Detail
Mechanical & Environmental Detail
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
Frequency Range
1.000MHZ to 70.000MHZ
Frequency Stability (Inclusive of Temp., Load, Voltage and Aging)
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Waveform
HCMOS
TTL
Logic “0”
10% Vdd max
0.4V max
Logic “1”
90% Vdd min
2.4V max
Symmetry
40%/60% Optional 45%/55%
50% of waveform w/HCMOS Load
40%/60% Optional 45%/55%
1.4Vdc w/TTL Load
Load
+3.3VDC =5 TTL or 30 pF max
Rise / Fall Time (20% to 80%)
10 nSec max
Start Time
10 mSec min
Supply Voltage (Vdd)
+3.3 VDC ±10%
+5.0 VDC 10%
Jitter
Option 1 = 1 pSec typ / Option P = 10 pSec typ
Supply Current Chart
Frequency Range
Current
Supply
Frequency Range
Current (mA)
Supply
1.000MHZ to 25.000MHz
9mA max
+5.00 VDC
1.000MHZ to 30.000MHz
10mA max
+3.3 VDC
25.000MHZ to 40.000MHZ
20mA max
+5.00 VDC
30.000MHZ to 50.000MHZ
20mA max
+3.3 VDC
40.000MHZ to 70.000MHZ
30mA max
+5.00 VDC
50.000MHZ to 70.000MHZ
30mA max
+3.3 VDC
+5.0VDC = 10 TTL Gates or 50pF max
Humidity
85% RH, 85°C, 48 Hours
Hermetic Seal
Leak Rate 2 X 10-8 ATM-cm3/sec max
Solderability
MIL-STD-202G, Method 208
Reflow Solderability
260°C for 10 seconds
Vibration
MIL-STD-202G, Method 204 35G, 50 to 2000 Hz
Shock
MIL-STD-202G, Method 203 Test Cond E, 1000G’s, ½
Sinewave
MIL-STD-883
Available with Level B Screening


Similar Part No. - MLH3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
MLH300PGB01A HONEYWELL-MLH300PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH300PGB01A HONEYWELL-MLH300PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH300PGB01A HONEYWELL-MLH300PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH300PGB01A HONEYWELL-ACC-MLH300PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH300PGB01A HONEYWELL-ACC-MLH300PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
More results

Similar Description - MLH3

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-1-03AT EUROQUARTZ-CX-1-03AT Datasheet
93Kb / 1P
Low profile, hermetically sealed ceramic package
CX3SMAT EUROQUARTZ-CX3SMAT Datasheet
124Kb / 1P
Hermetically sealed ceramic package
CX6SMAT EUROQUARTZ-CX6SMAT Datasheet
117Kb / 1P
Hermetically sealed ceramic package
logo
International Rectifier
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
Hermetically Sealed Ceramic Package
RDHA710FR10A1NX IRF-RDHA710FR10A1NX_15 Datasheet
119Kb / 5P
Hermetically Sealed Ceramic Package
RDHA710SE10A2FK IRF-RDHA710SE10A2FK_15 Datasheet
121Kb / 7P
Hermetically Sealed Package
RDHA710SE10A2SK IRF-RDHA710SE10A2SK_15 Datasheet
120Kb / 6P
Hermetically Sealed Package
logo
MMD Components
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
Hermetically Sealed Ceramic SMD Package
MVIH5 MMD-MVIH5 Datasheet
112Kb / 2P
Hermetically Sealed Ceramic SMD Package
logo
Marktech Corporate
MTE4047W-UB MARKTECH-MTE4047W-UB Datasheet
435Kb / 3P
Hermetically Sealed Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com