Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSH1 Datasheet(PDF) 1 Page - MMD Components

Part # MSH1
Description  Low Profile Ceramic SMD Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MSH1 Datasheet(HTML) 1 Page - MMD Components

  MSH1 Datasheet HTML 1Page - MMD Components MSH1 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com
05/24/16_L
Subject to change without notice
Pg 1 of 2
Revision:
M
MS
SH
H S
Se
erriie
ess 3
3..2
2 x
x 2
2..5
5 C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 Low Profile Ceramic SMD Package
 Hermetically Sealed
 Tristate Function/Standby Option
 Wide Frequency Range
Marking Detail
Mechanical & Environmental Detail
Humidity
85% RH, 85°C, 48 Hours
Hermetic Seal
Leak Rate 5 X 10-8 ATM cc/s He
Solderability
MIL-STD-202G, Method 208
Reflow Solderability
260°C for 10 seconds
Vibration
MIL-STD-202G, Method 204 35G, 50 to 2000 Hz
Shock
MIL-STD-202G, Method 203 Test Cond E, 1000G’s, ½
Sinewave
MIL-STD-883
Available with Level B Screening
Frequency Range
1.544MHZ to 70.000MHZ
1.544MHZ to 110.000MHZ
Temperature Stability*
(See Part Number Guide for Options)
Aging (+25°C ±3°C)
±5ppm First Year
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Supply Voltage (±10%)
+1.80VDC
+2.50VDC
+3.30VDC
Supply Current
1.544MHZ to 9.999MHZ
10mA max
12mA max
14mA max
10.000MHZ to 35.999MHZ
12mA max
14mA max
16mA max
36.000MHZ to 49.999MHZ
15mA max
20mA max
25mA max
50.000MHZ to 110.000MHZ
25mA max
30mA max
35mA max
Output Type
HCMOS
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise/Fall Time (10% to 90% of Supply Voltage)
5nSEC
6nSEC
7nSEC
Load
15pF
Start-up Time
2mSec max
* Inclusive of Temperature., Load and Voltage.
Standby Current (With Stand-by Option)
100µA
Tristate
VOH = 70% of Vdd min or No Connection to Enable Output
VOL = 30% of Vdd max or grounded to Disable Output (High Impendence)
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
First Line = MXX.XX (not to exceed 5 characters)
M
= MMD
XX.XX
=
Device Frequency
(four digits including decimal point)
Second Line = SYWWL (not to exceed 5 characters)
S
= Internal Code
YWW
= Date Code (Year/Week)
L
= RoHS Compliant


Similar Part No. - MSH1

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MSH1 ALTECH-MSH1 Datasheet
774Kb / 8P
MS016
MSH1.6 ALTECH-MSH1.6 Datasheet
774Kb / 8P
MS016
MSH10 ALTECH-MSH10 Datasheet
774Kb / 8P
MS016
logo
MMD Components
MSH102527AH MMD-MSH102527AH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
MSH102527AS MMD-MSH102527AS Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
More results

Similar Description - MSH1

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
SMX-QS1 QUARTZCOM-SMX-QS1 Datasheet
102Kb / 1P
SMD Watch Crystal Low profile metal package
SMX-QS2 QUARTZCOM-SMX-QS2 Datasheet
102Kb / 1P
SMD Watch Crystal Low profile metal package
logo
EUROQUARTZ limited
CX-1-03AT EUROQUARTZ-CX-1-03AT Datasheet
93Kb / 1P
Low profile, hermetically sealed ceramic package
logo
MMD Components
MIH1 MMD-MIH1 Datasheet
126Kb / 2P
Low Profile SMD Package
MIHK2 MMD-MIHK2 Datasheet
102Kb / 2P
Low Profile SMD Package
MXC1 MMD-MXC1 Datasheet
122Kb / 2P
Low Profile SMD Package
MXH1 MMD-MXH1 Datasheet
131Kb / 2P
Low Profile SMD Package
logo
Green Power Solutions s...
GPDC0799 GPSEMI-GPDC0799_17 Datasheet
275Kb / 2P
Low profile ceramic package, Spot welding applications
GPDD012K GPSEMI-GPDD012K_17 Datasheet
282Kb / 2P
Low profile ceramic package, Spot welding applications
GPDG3115 GPSEMI-GPDG3115_17 Datasheet
287Kb / 2P
Low profile ceramic package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com