Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTH1 Datasheet(PDF) 1 Page - MMD Components

Part # MTH1
Description  Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTH1 Datasheet(HTML) 1 Page - MMD Components

  MTH1 Datasheet HTML 1Page - MMD Components MTH1 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
120925M
Subject to change without notice
Pg 1 of 2
Revision:
M
MT
TH
H S
Se
erriie
ess 5
5 x
x 3
3..2
2 C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 Low Profile SMD Package
 Hermetically Sealed
 Standby & Tristate Available
 Wide Frequency Range
Marking Detail
Mechanical & Environmental Detail
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year / Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
Humidity
85% RH, 85°C, 48 Hours
Hermetic Seal
Leak Rate 2 X 10-8 ATM-cm3/sec max
Solderability
MIL-STD-202G, Method 208
Reflow Solderability
260°C for 10 seconds
Vibration
MIL-STD-202G, Method 204 35G, 50 to 2000 Hz
Shock
MIL-STD-202G, Method 203 Test Cond E, 1000G’s, ½
Sinewave
MIL-STD-883
Available with Level B Screening
Frequency Range
1.000MHZ to
160.000MHZ
1.000MHZ to
160.000MHZ &
1.000MHZ to
160.000MHZ &
1.000MHZ to
106.250MHZ
Temperature Stability*
(See Part Number Guide for Options)
Aging (+25°C ±3°C)
±3ppm, ±5ppm for first year
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Supply Voltage (±10%)
+1.80 VDC
+2.50 VDC
+3.30 VDC
+5.00 VDC
Supply Current
1.000MHZ to 34.999MHZ
8mA
10mA
16mA
25mA
35.000MHZ to 60.000MHZ
10mA
20mA
25mA
50mA
60.001MHZ to 99.999MHZ
25mA
30mA
40mA
60mA
100.000MHZ to 106.250MHZ
35mA
40mA
50mA
80mA
106.251MHZ to 160.000MHZ
35mA
40mA
50mA
NA
Output Type
HCMOS
Symmetry (50% of waveform)
40%/60% (45%/55% option)
Rise/Fall Time (10% to 90% of Supply Voltage)
Load
15pF
Start-up Time
10mSec max
Period Jitter: pk-pk
±100ps max
Period Jitter: One Sigma
±25ps max
Phase Jitter (12KHZ to 20MHZ)
1ps max
* Inclusive of Temperature., Load and Voltage
Pin 1 Function
Tri-state Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
Standby Current
10µA max
10nS max


Similar Part No. - MTH1

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
Designed for Extended Hold-Up Applications
MTH100 XPPOWER-MTH100 Datasheet
524Kb / 2P
Hold Up Module
16 Aug 2022
MTH100 XPPOWER-MTH100_V01 Datasheet
524Kb / 2P
Hold Up Module
16 Aug 2022
logo
MMD Components
MTH102527AH MMD-MTH102527AH Datasheet
78Kb / 1P
5 x 3.2 Ceramic SMD Oscillator
MTH102527AS MMD-MTH102527AS Datasheet
78Kb / 1P
5 x 3.2 Ceramic SMD Oscillator
More results

Similar Description - MTH1

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO MICROCRYSTAL-MCSO Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOFV MICROCRYSTAL-MCSOFV Datasheet
77Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOH MICROCRYSTAL-MCSOH Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOHV MICROCRYSTAL-MCSOHV Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOHVT MICROCRYSTAL-MCSOHVT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOV MICROCRYSTAL-MCSOV Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
logo
Fox Electronics
FXO-HC536R-25 FOX-FXO-HC536R-25 Datasheet
57Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
logo
MMD Components
MIV2 MMD-MIV2 Datasheet
154Kb / 2P
5X7 Ceramic SMD Oscillator
MJHK2 MMD-MJHK2 Datasheet
117Kb / 2P
Ceramic SMD Oscillator
MUL3 MMD-MUL3 Datasheet
159Kb / 2P
Ceramic SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com