Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596S-3.3 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2596S-3.3
Description  SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2596S-3.3 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2596S-3.3 Datasheet HTML 17Page - National Semiconductor (TI) LM2596S-3.3 Datasheet HTML 18Page - National Semiconductor (TI) LM2596S-3.3 Datasheet HTML 19Page - National Semiconductor (TI) LM2596S-3.3 Datasheet HTML 20Page - National Semiconductor (TI) LM2596S-3.3 Datasheet HTML 21Page - National Semiconductor (TI) LM2596S-3.3 Datasheet HTML 22Page - National Semiconductor (TI) LM2596S-3.3 Datasheet HTML 23Page - National Semiconductor (TI) LM2596S-3.3 Datasheet HTML 24Page - National Semiconductor (TI) LM2596S-3.3 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Application Information (Continued)
good choice, but some types with an abrupt turnoff charac-
teristic may cause instability or EMI problems. Ultra-fast
recovery diodes typically have reverse recovery times of 50
ns or less. Rectifiers such as the 1N5400 series are much
too slow and should not be used.
INDUCTOR SELECTION
All switching regulators have two basic modes of operation;
continuous and discontinuous. The difference between the
two types relates to the inductor current, whether it is flowing
continuously, or if it drops to zero for a period of time in the
normal switching cycle. Each mode has distinctively different
operating characteristics, which can affect the regulators
performance and requirements. Most switcher designs will
operate in the discontinuous mode when the load current is
low.
The LM2596 (or any of the Simple Switcher family) can be
used for both continuous or discontinuous modes of opera-
tion.
In many cases the preferred mode of operation is the con-
tinuous mode. It offers greater output power, lower peak
switch, inductor and diode currents, and can have lower
output ripple voltage. But it does require larger inductor
values to keep the inductor current flowing continuously,
especially at low output load currents and/or high input volt-
ages.
To simplify the inductor selection process, an inductor selec-
tion guide (nomograph) was designed (see
Figure 4 through
8). This guide assumes that the regulator is operating in the
continuous mode, and selects an inductor that will allow a
peak-to-peak inductor ripple current to be a certain percent-
age of the maximum design load current. This peak-to-peak
inductor ripple current percentage is not fixed, but is allowed
to change as different design load currents are selected.
(See
Figure 16.)
By allowing the percentage of inductor ripple current to
increase for low load currents, the inductor value and size
can be kept relatively low.
When operating in the continuous mode, the inductor current
waveform ranges from a triangular to a sawtooth type of
waveform (depending on the input voltage), with the average
value of this current waveform equal to the DC output load
current.
Inductors are available in different styles such as pot core,
toroid, E-core, bobbin core, etc., as well as different core
materials, such as ferrites and powdered iron. The least
expensive, the bobbin, rod or stick core, consists of wire
wound on a ferrite bobbin. This type of construction makes
for an inexpensive inductor, but since the magnetic flux is not
completely contained within the core, it generates more
Electro-Magnetic Interference (EMl). This magnetic flux can
induce voltages into nearby printed circuit traces, thus caus-
ing problems with both the switching regulator operation and
nearby sensitive circuitry, and can give incorrect scope read-
ings because of induced voltages in the scope probe. Also
see section on Open Core Inductors.
When multiple switching regulators are located on the same
PC board, open core magnetics can cause interference
between two or more of the regulator circuits, especially at
high currents. A torroid or E-core inductor (closed magnetic
structure) should be used in these situations.
The inductors listed in the selection chart include ferrite
E-core construction for Schott, ferrite bobbin core for Renco
and Coilcraft, and powdered iron toroid for Pulse Engineer-
ing.
Exceeding an inductor’s maximum current rating may cause
the inductor to overheat because of the copper wire losses,
or the core may saturate. If the inductor begins to saturate,
the inductance decreases rapidly and the inductor begins to
look mainly resistive (the DC resistance of the winding). This
can cause the switch current to rise very rapidly and force
the switch into a cycle-by-cycle current limit, thus reducing
the DC output load current. This can also result in overheat-
ing of the inductor and/or the LM2596. Different inductor
types have different saturation characteristics, and this
should be kept in mind when selecting an inductor.
The inductor manufacturer’s data sheets include current and
energy limits to avoid inductor saturation.
01258330
FIGURE 15. Capacitor ESR Change vs Temperature
01258331
FIGURE 16. (
∆I
IND) Peak-to-Peak Inductor
Ripple Current (as a Percentage of the Load Current)
vs Load Current
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com