Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2612 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2612
Description  400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2612 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2612 Datasheet HTML 1Page - National Semiconductor (TI) LM2612 Datasheet HTML 2Page - National Semiconductor (TI) LM2612 Datasheet HTML 3Page - National Semiconductor (TI) LM2612 Datasheet HTML 4Page - National Semiconductor (TI) LM2612 Datasheet HTML 5Page - National Semiconductor (TI) LM2612 Datasheet HTML 6Page - National Semiconductor (TI) LM2612 Datasheet HTML 7Page - National Semiconductor (TI) LM2612 Datasheet HTML 8Page - National Semiconductor (TI) LM2612 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2612
400mA Sub-miniature, Programmable, Step-Down DC-DC
Converter for Ultra Low-Voltage Circuits
General Description
The LM2612 step-down DC-DC converter is optimized for
powering ultra-low voltage circuits from a single Lithium-Ion
cell. It provides up to 400mA (300mA for B grade), over an
input voltage range of 2.8V to 5.5V. Pin programmable out-
put voltages of 1.05V, 1.3V, 1.5V or 1.8V allow adjustment
for MPU voltage options without board redesign or external
feedback resistors.
The device has three pin-selectable modes for maximizing
battery life in mobile phones and similar portable applica-
tions. Low-noise PWM mode offers 600kHz fixed-frequency
operation to reduce interference in RF and data acquisition
applications during full-power operation. In PWM mode, in-
ternal synchronous rectification provides high efficiency
(91% typ. at 1.8V
OUT). A SYNC input allows synchronizing
the switching frequency in a range of 500kHz to 1MHz to
avoid noise from intermodulation with system frequencies.
Low-current hysteretic PFM mode reduces quiescent current
to 150 µA (typ.) during system standby. Shutdown mode
turns the device off and reduces battery consumption to
0.1µA (typ.). Additional features include soft start and current
overload protection.
The LM2612 is available in a 10 pin micro SMD packge. This
package uses National’s wafer level chip-scale micro SMD
technology and offers the smallest possible size. Only three
small external surface-mount components, an inductor and
two ceramic capacitors are required.
Key Specifications
n
Operates from a single LiION cell (2.8V to 5.5V)
n
Pin programmable output voltage (1.05V, 1.3V, 1.5V and
1.8V)
n
400mA maximum load capability (300mA for B grade)
n ±
2% PWM mode DC output voltage precision
n
2mV typ PWM mode output voltage ripple
n
150 µA typ PFM mode quiescent current
n
0.1µA typ shutdown mode current
n
Internal synchronous rectification for high PWM mode
efficiency (91% at 2.8V
IN, 1.8VOUT)
n
600kHz PWM mode switching frequency
n
SYNC input for PWM mode frequency synchronization
from 500kHz to 1MHz
Features
n
Sub-miniature 10-pin micro SMD package
n
Only three tiny surface-mount external components
required
n
Uses small ceramic capacitors.
n
Internal soft start
n
Current overload protection
n
No external compensation required
Applications
n
Mobile Phones
n
Hand-Held Radios
n
Battery Powered Devices
Typical Application Circuit
20007102
May 2002
© 2002 National Semiconductor Corporation
DS200071
www.national.com


Similar Part No. - LM2612

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2612ABL NSC-LM2612ABL Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM2612ABLX NSC-LM2612ABLX Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM2612ATL NSC-LM2612ATL Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM2612ATLX NSC-LM2612ATLX Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM2612BBL NSC-LM2612BBL Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
More results

Similar Description - LM2612

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com