Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

403DMQ Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 403DMQ
Description  All SMC parts are traceable to the wafer lot
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

403DMQ Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  403DMQ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Data Sheet N1676 Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
403DMQ SERIES
403DMQ080/100 SCHOTTKY RECTIFIER
Applications:
● High current switching power supply ● Plating power supply ● Free-Wheeling diodes
● Reverse battery protection ● Converters ● UPS System ● Welding
Features:
•
175 ℃ TJ operation
•
Center tap module
•
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
•
Low forward voltage drop
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
Product contain Pb
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm/Inches
Please Note: Suffix “R” Denotes For Reversed Polarity
PRM4 (Isolated)
MARKING,MOLDING RESIN
Marking for 403DMQ080/100, 1
st row SS YYWWL, 2nd row 403DMQ080/100
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL:94V-0


Similar Part No. - 403DMQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
403DMQ IRF-403DMQ Datasheet
119Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
403DMQ SMCDIODE-403DMQ Datasheet
335Kb / 5P
SCHOTTKY RECTIFIER
Rev B
logo
International Rectifier
403DMQ100 IRF-403DMQ100 Datasheet
119Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403DMQ600 SMC-403DMQ600 Datasheet
171Kb / 3P
Guard ring for enhanced ruggedness and long term reliability
More results

Similar Description - 403DMQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR0520WS SMC-MBR0520WS Datasheet
196Kb / 5P
All SMC parts are traceable to the wafer lot
SF21G SMC-SF21G Datasheet
178Kb / 6P
All SMC parts are traceable to the wafer lot
RL251G SMC-RL251G Datasheet
142Kb / 5P
All SMC parts are traceable to the wafer lot
SD92305 SMC-SD92305 Datasheet
176Kb / 4P
All SMC parts are traceable to the wafer lot
SK2U240 SMC-SK2U240 Datasheet
278Kb / 4P
All SMC parts are traceable to the wafer lot
159CMQ SMC-159CMQ Datasheet
149Kb / 4P
All SMC parts are traceable to the wafer lot
200CNQ SMC-200CNQ Datasheet
209Kb / 4P
All SMC parts are traceable to the wafer lot
224CNQ SMC-224CNQ Datasheet
208Kb / 4P
All SMC parts are traceable to the wafer lot
ST860S SMC-ST860S Datasheet
186Kb / 5P
All SMC parts are traceable to the wafer lot
503CMQ600 SMC-503CMQ600 Datasheet
170Kb / 3P
All SMC parts are traceable to the wafer lot
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com