Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

403DMQ080 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 403DMQ080
Description  All SMC parts are traceable to the wafer lot
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

403DMQ080 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  403DMQ080 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ080 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ080 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ080 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Data Sheet N1676 Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
403DMQ SERIES
403DMQ080/100 SCHOTTKY RECTIFIER
Applications:
● High current switching power supply ● Plating power supply ● Free-Wheeling diodes
● Reverse battery protection ● Converters ● UPS System ● Welding
Features:
175 ℃ TJ operation
Center tap module
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
Product contain Pb
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm/Inches
Please Note: Suffix “R” Denotes For Reversed Polarity
PRM4 (Isolated)
MARKING,MOLDING RESIN
Marking for 403DMQ080/100, 1
st row SS YYWWL, 2nd row 403DMQ080/100
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL:94V-0


Similar Part No. - 403DMQ080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
403DMQ IRF-403DMQ Datasheet
119Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
403DMQ SMCDIODE-403DMQ Datasheet
335Kb / 5P
SCHOTTKY RECTIFIER
Rev B
logo
International Rectifier
403DMQ100 IRF-403DMQ100 Datasheet
119Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403DMQ600 SMC-403DMQ600 Datasheet
171Kb / 3P
Guard ring for enhanced ruggedness and long term reliability
More results

Similar Description - 403DMQ080

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR0520WS SMC-MBR0520WS Datasheet
196Kb / 5P
All SMC parts are traceable to the wafer lot
SF21G SMC-SF21G Datasheet
178Kb / 6P
All SMC parts are traceable to the wafer lot
RL251G SMC-RL251G Datasheet
142Kb / 5P
All SMC parts are traceable to the wafer lot
SD92305 SMC-SD92305 Datasheet
176Kb / 4P
All SMC parts are traceable to the wafer lot
SK2U240 SMC-SK2U240 Datasheet
278Kb / 4P
All SMC parts are traceable to the wafer lot
159CMQ SMC-159CMQ Datasheet
149Kb / 4P
All SMC parts are traceable to the wafer lot
200CNQ SMC-200CNQ Datasheet
209Kb / 4P
All SMC parts are traceable to the wafer lot
224CNQ SMC-224CNQ Datasheet
208Kb / 4P
All SMC parts are traceable to the wafer lot
ST860S SMC-ST860S Datasheet
186Kb / 5P
All SMC parts are traceable to the wafer lot
503CMQ600 SMC-503CMQ600 Datasheet
170Kb / 3P
All SMC parts are traceable to the wafer lot
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com